Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8018 Datasheet HTML 1Page - Silicon Standard Corp. SS8018 Datasheet HTML 2Page - Silicon Standard Corp. SS8018 Datasheet HTML 3Page - Silicon Standard Corp. SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.SiliconStandard.com
1 of 14
SS8018
±1°C Remote and Local Temperature Sensor
with SMBus Serial Interface
n FEATURES
n DESCRIPTION
n Two channels: measures both remote and local
temperatures
n No calibration required
n SMBus 2-wire serial interface
n Programmable under/over-temperature alarms
n SMBus alert response supported
n Accuracy:
±1°C (+60°C to +100°C, remote)
±3°C (+60°C to + 100°C, local)
n Average supply current during conversion of
320µA (typ)
n Supply range of +3V to +5.5V
n Small 8-lead SO package
The SS8018 is a precise digital thermometer that re-
ports the temperature of both a remote sensor and its
own package. The remote sensor is a diode-connected
transistor - typically a low-cost, easily mounted 2N3904
NPN type that replaces a conventional thermistor or
thermocouple. Remote accuracy is ±1°C with no calibra-
tion needed. The remote channel can also measure the
die temperature of other ICs, such as microprocessors,
that contain an on-chip, diode-connected transistor.
The 2-wire serial interface accepts standard System
Management Bus (SMBus) Write Byte, Read Byte, Send
Byte, and Receive Byte commands to program the
alarm thresholds and to read temperature data. The
data format is 11bits plus sign, with each bit corre-
sponding to 0.125°C, in two’s-complement format.
Measurements can be done automatically and autono-
mously, with the conversion rate programmed by the
user or programmed to operate in a single-shot mode.
The adjustable rate allows the user to control the supply
current drain.
The SS8018 is available in a small 8-pin SOP sur-
face-mount package.
n APPLICATIONS
Desktop and Notebook
Central Office
Computers
Telecom Equipment
Smart Battery Packs
Test and Measurement
LAN Servers
Multi-Chip Modules
Industrial Controllers
PACKING TYPE
TR: TAPE & REEL
SS8018XX
Example: SS8018TR
à SS8018 shipped in
tape & reel packing
n ORDERING INFORMATION
Rev.2.01 6/06/2003


Similar Part No. - SS8018

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
SS8012GTR SSC-SS8012GTR Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-15GTR SSC-SS8014-15GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
SS8014-18GTR SSC-SS8014-18GTR Datasheet
291Kb / 10P
300mA Low-Noise LDO Regulators
More results

Similar Description - SS8018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
G788 GMT-G788 Datasheet
45Kb / 1P
Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com