Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8018 Datasheet HTML 1Page - Silicon Standard Corp. SS8018 Datasheet HTML 2Page - Silicon Standard Corp. SS8018 Datasheet HTML 3Page - Silicon Standard Corp. SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.SiliconStandard.com
5 of 14
SS8018
The SS8018 is a temperature sensor designed to work
in conjunction with an external microcontroller (µC) or
other intelligence in thermostatic, process-control or
monitoring applications. The µC is typically a power-
management or keyboard controller, generating SMBus
serial commands by “bit-banging” general-purpose in-
put-output (GPIO) pins or via a dedicated SMBus inter-
face block.
Essentially a serial analog-to-digital converter (ADC)
with a sophisticated front end, the SS8018 contains a
switched current source, a multiplexer, an ADC, an
SMBus interface and associated control logic (Figure 1).
Temperature data from the ADC is loaded into two data
registers, where it is automatically compared with data
previously stored in several over/under-temperature
alarm registers.
ADC and Multiplexer
The ADC is an averaging type that integrates over a
60ms period (each channel, typical), with excellent noise
rejection.
The multiplexer automatically steers bias currents
through the remote and local diodes, measures their
forward voltages, and computes their temperatures.
Both channels are automatically converted once the
conversion process has started, either in free-running or
single-shot mode. If one of the two channels is not used,
the device still performs both measurements, and the
user can simply ignore the results of the unused channel.
If the remote diode channel is unused, tie DXP to DXN
rather than leaving the pins open.
The worst-case DXP-DXN differential input voltage
range is 0.25V to 0.95V.
Excess resistance in series with the remote diode
causes about +0.6°C error per ohm. Likewise, 240µV of
offset voltage forced on DXP-DXN causes about 1°C
error.
A/D Conversion Sequence
If a Start command is written (or generated automatically
in the free-running auto-convert mode), both channels
are converted, and the results of both measurements
are available after the end of conversion. A BUSY status
bit in the status byte shows that the device is actually
performing a new conversion; however, even if the ADC
is busy, the results of the previous conversion are al-
ways available.
Remote Diode Selection
Temperature accuracy depends on having a good- qual-
ity,
diode-connected
small-signal
transistor.
The
SS8018 can also directly measure the die temperature
of CPUs and other integrated circuits having on-board
temperature-sensing diodes.
The transistor must be a small-signal type with a rela-
tively high forward voltage; otherwise, the A/D input volt-
age range can be violated. The forward voltage must be
greater than 0.25V at 10µA; check to ensure this is true
at the highest expected temperature. The forward
voltage must be less than 0.95V at 300µA; check to en-
sure this is true at the lowest expected temperature.
Large power transistors don’t work at all. Also, ensure
that the base resistance is less than 100
Ω. Tight speci-
fications for forward-current gain (+50 to +150, for ex-
ample) indicate that the manufacturer has good process
controls and that the devices have consistent Vbe
characteristics.
Table 1. Remote-Sensor Transistor Manufacturers
MANUFACTURER
MODEL NUMBER
Philips
PMBS3904
Motorola(USA)
MMBT3904
National Semiconductor (USA)
MMBT3904
Note: Transistors must be diode-connected (base
shorted to collector).
Thermal Mass and Self-Heating
Thermal mass can seriously degrade the SS8018’s
effective accuracy. The thermal time constant of the
SOP package is about 140 seconds in still air. For the
SS8018 junction temperature to settle to within +1°C
after a sudden +100°C change requires about five time
constants or 12 minutes. The use of smaller packages
for remote sensors, such as SOT23s, improves the
situation. Take care to account for thermal gradients
between the heat source and the sensor, and ensure
that stray air currents across the sensor package do not
interfere with measurement accuracy. Self-heating does
not significantly affect measurement accuracy. Re-
mote-sensor self-heating due to the diode current source
is negligible. For the local diode, the worst-case error oc-
curs when auto-converting at the fastest rate and simul-
taneously sinking maximum current at the ALERT output.
For example, at an 8Hz rate and with ALERT sinking
1mA, the typical power dissipation is VCC x 320µA plus
0.4V x 1mA. Package R(J-A) is about 120°C /W, so with
VCC = 3.3V and no copper PC board heat-sinking, the
resulting temperature rise is:
dT = 1.45mW x 120°C /W = 0.17°C
Even with these contrived circumstances, it is difficult to
introduce significant self-heating errors.
n APPLICATIONS INFORMATION
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com