Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8018 Datasheet HTML 1Page - Silicon Standard Corp. SS8018 Datasheet HTML 2Page - Silicon Standard Corp. SS8018 Datasheet HTML 3Page - Silicon Standard Corp. SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.SiliconStandard.com
4 of 14
SS8018
n BLOCK DIAGRAM
V
CC
DXP
DXN
MUX
+
+
+
REMOTE
LOCAL
ADC
CONTROL
LOGIC
SMBUS
7
SMBDATA
SMBCLK
READ
WRITE
DIODE
FAULT
2
8
8
COMMAND BYTE
(INDEX) REGISTER
STATUS BYTE
REGISTER
CONFIGURATION
BYTE REGISTER
CONVERSION RATE
REGISTER
ALERT RESPONSE
ADDRESS REGISTER
8
8
LOCAL EMPERATURE
DATA REGISTER
HIGH-TEMPETATURE
THRESHOLD (LOCALT
HIGH )
LOW-TEMPETATURE
THRESHOLD (LOCAL T LOW )
8
DIGITAL COMPARATOR
(LOCAL)
SELECTED VIA
SLAVE ADD = 0001 100
11
11
ALERT
Q
S
R
REMOTE TEMPERATURE
DATA REGISTER
HIGH-TEMPETATURE
THRESHOLD (REMOTE HIGH)
LOW-TEMPETATURE
THRESHOLD (REMOTE LOW)
DIGITAL COMPARATOR
(REMOTE)
THERM LIMIT AND
HYSTERESIS REGISTER
11
COMPARATOR
THERM
V
CC
DXP
DXN
MUX
+
+
+
REMOTE
LOCAL
ADC
CONTROL
LOGIC
SMBUS
7
SMBDATA
SMBCLK
READ
WRITE
DIODE
FAULT
2
8
8
COMMAND BYTE
(INDEX) REGISTER
STATUS BYTE
REGISTER
CONFIGURATION
BYTE REGISTER
CONVERSION RATE
REGISTER
ALERT RESPONSE
ADDRESS REGISTER
8
8
LOCAL EMPERATURE
DATA REGISTER
HIGH-TEMPETATURE
THRESHOLD (LOCALT
HIGH )
LOW-TEMPETATURE
THRESHOLD (LOCAL T LOW )
8
DIGITAL COMPARATOR
(LOCAL)
SELECTED VIA
SLAVE ADD = 0001 100
11
11
ALERT
Q
S
R
REMOTE TEMPERATURE
DATA REGISTER
HIGH-TEMPETATURE
THRESHOLD (REMOTE HIGH)
LOW-TEMPETATURE
THRESHOLD (REMOTE LOW)
DIGITAL COMPARATOR
(REMOTE)
THERM LIMIT AND
HYSTERESIS REGISTER
11
COMPARATOR
THERM
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
7
ALERT
THERM
THERM
0.1µF
3V TO 5.5V
VCC
DXP
DXN
SMBCLK
SMBDATA
ALERT
10k
Ω EACH
CLOCK
DATA
INTERRUPT TO µC
GND
2200pF
2N3904
DXN
8
6
5
1
2
3
4
VCC
DXP
SMBDATA
SMBCLK
GND
SS8018
7
ALERT
THERM
n PIN CONFIGURATION
n TYPICAL APPLICATION
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com