Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8018 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS8018
Description  짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8018 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS8018 Datasheet HTML 4Page - Silicon Standard Corp. SS8018 Datasheet HTML 5Page - Silicon Standard Corp. SS8018 Datasheet HTML 6Page - Silicon Standard Corp. SS8018 Datasheet HTML 7Page - Silicon Standard Corp. SS8018 Datasheet HTML 8Page - Silicon Standard Corp. SS8018 Datasheet HTML 9Page - Silicon Standard Corp. SS8018 Datasheet HTML 10Page - Silicon Standard Corp. SS8018 Datasheet HTML 11Page - Silicon Standard Corp. SS8018 Datasheet HTML 12Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.SiliconStandard.com
8 of 14
SS8018
Write Byte Format
S
ADDRESS
WR
ACK
COMMAND
ACK
DATA
ACK
P
7 bits
8 bits
8 bits
1
Slave Address: equivalent to chip- select line of a 3-wire interface
Command Byte: selects which register you are writing to
Data byte: data goes into the register set by the command byte (to set thresholds, configuration masks,
and sampling rate)
Read Byte Format
S
ADDRESS
WR
ACK
COMMAND
ACK
S
ADDRESS
RD
ACK
DATA
///
P
7 bits
8bits
7bits
8 bits
Slave Address: equivalent to chip- select line
Command Byte: selects which register you are reading from
Slave Address: repeated due to change in data-flow direction
Data byte: reads from the register set by the command byte
Send Byte Format
S
ADDRESS
WR
ACK
COMMAND
ACK
P
7 bits
8 bits
Command Byte: sends command with no data , usually used for one-shot command
Receive Byte Format
S
ADDRESS
RD
ACK
DATA
///
P
7 bits
8 bits
Data Byte: reads data from the register commanded by the last Read Byte or Write Byte transmission; also
used for SMBus Alert Response return address
S = Start condition Shaded = Slave transmission P = Stop condition /// = Not acknowledged
Figure 3. SMBus Protocols
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com