Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 15 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 15 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Preview
The KNP-VE Series of vitreous enamel coated power resistors from Token offers a cost-competitive alternative
over the 2.5W-12W power range. The range is available with resistance values of 1Ω to 39KΩ in power ratings
of 2.5W, 3W, 5W, 6W, 8W, 9W and 12W (at 25°C), and with body sizes that match the industry standards.
Vitreous enamelled resistors were introduced at a time when alternative directly applied coatings could not
withstand the thermal stresses caused by the resistors’ high body temperatures.
Token offers the durability of a lead free conformal vitreous enamel coating, permits the KNP-VE Series
resistors to maintain a hard coating while operating at high temperatures. Mechanical integrity is enhanced by the
all-welded construction.
Power KNP-VE Wirewound Series are ideal for computer, communications and industrial applications in which
cost, quality, and reliability are key considerations. The KNP-VE series is RoHS compliant and Ayrton Perry
noninductive windings are available on request.
To address your need for technical and economic success in a timely manner, our custom solutions are the best
choise.
Contact us with your specific needs.
KNP-VE Wirewound Resistors
Applications
- Power tools
- Consumer applications
- Power supplies, Welders
- High voltage applications
- High-switching applications
- Home entertainment, appliances
Vitreous Enamel Coated
Power High Energy Wirewound Resistors
Vitreous Enamel Coated
Wirewound Resistors
Features
- Excellent pulse load capability
- Axial leads, All-welded construction
- A wide range of power ratings 2.5W to 12W
- A wide resistance range 1Ω to 39KΩ, Tolerance ±5%, ±10%
- Products with Pb-free Terminations and RoHS compliant
- Rugged vitreous enamel coating withstands high humidity and temperature cycling
- Durable construction, recommended for industrial applications where reliability is paramount
TOKEN
13 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com