Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 16 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 16 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
KNP-VE Wirewound Resistors
Technical Specifcations
Performance
100
80
60
40
20
Ambient Temp. °C
60
120 180 240
-55
350
25
Power Derating Curve
d
30
30
D
L
Type
Rated Watts
(W)
Resistance
Range
(Ω)
Limiting
Voltage
(V)
Tolerance
Temperature
Coefficient
(PPM/°C)
Dimensions (mm) (Max)
L
ΦD
Φd
KNP-VE-2.5
2.5
1 ~ 1K
100
±5%
±10%
±250
±400
12.7
5.6
0.8
KNP-VE-3
3
1 ~ 1K
120
14.0
7.0
KNP-VE-5
5
1 ~ 3.6K
160
23.0
7.0
KNP-VE-6
6
1 ~ 6.8K
200
22.2
8.0
KNP-VE-8
8
1 ~ 20K
400
33.9
8.0
KNP-VE-9
9
1 ~ 27K
500
38.1
8.0
1.0
KNP-VE-12
12
1 ~ 39K
750
53.5
8.0
Test Items
Condition
Specifications
Insulation Resistance
500V
20MΩ
Short Time Overload
2.5 times of rated voltage 5 sec.
ΔR≤±(2%R+0.05Ω)
Rated Load
Rated wattage 30 min.
ΔR≤±(1%R+0.05Ω)
Dielectric Withstanding Voltage
500V AC 1 min
ΔR≤±(1%R+0.05Ω)
Temp. Cycle
-20°C ~ 85°C 5 cycles
ΔR≤±(1%R+0.05Ω)
Load Life
70°C on ~ off cycle 1000 hrs.
ΔR≤±(5%R+0.05Ω)
Moisture-Proof Load Life
40°C 95% RH on~off cycle 500 hrs. ΔR≤±(3%R+0.05Ω)
Soldering After Resistance
350°C for 3 sec
ΔR≤±(0.5%R+0.05Ω)
Incombustibility
16 times of rated wattage for 5 min.
Not flamed
TOKEN
14 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com