Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 47 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 47 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Preview
Now available from Token Electronics is a new range of highly stable and reliable metal oxide resistors
providing high power in a small package with various forming styles and different leads for different
applications.
New RS series resistors are ideal for pulse applications in adverse conditions and are available in different sizes
with power ratings of 0.5W to 10W for a power voltage range from 200V to 850V. Highly temperature resistant
the devices feature a resistance range from 10Ω to 47KΩ.
RS series resistors are available in various forming styles and different leads for different applications like power
supplies, amplifiers, household appliances and ballasts.
Manufactured by depositing a homogeneous oxide film of metal alloy onto a high-grade ceramic body, the metal
oxide resistors are coated with a nonflammable lacquer providing mechanical, electrical and climatic protection.
The devices come packaged in ammo pack boxed or tape and reel format. All RS Series devices are RoHS-
compliant, and compatible with high temperature soldering processes normally employed for lead free solders.
Contact us with your specific needs.
RSS, RSN Metal Oxide Resistors
Applications
- Ballasts
- Amplifiers
- Power supplies
- Telecommunications
- Household appliances
- Automotive, Computer, Instrumentation
Metal Oxide Resistors on The Pulse
in Various Forming Styles for Different Applications
Metal Oxide Resistors
Features
- Tolerances: G (±2%), J (±5%)
- Lead (Pb)-free and RoHS compliant
- Power wattages up to 10W at + 25 °C
- Operating temperature range: -55°C~200°C
- Axial leaded type, high power at compact sizes
- Replace carbon composition components in some applications
TOKEN
45 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com