Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 44 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 44 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
Preview
Token offers a low-cost alternative commercial metal film
resistor for precision applications. The MF series offers
tight tolerances and low TCRs over a wide resistance range
and are suitable for applications where long-term stability
is paramount.
The MF is available in a resistance range of 10Ω to 1MΩ
with a standard resistance tolerance of ±1% and a
temperature coefficient of resistance (TCR) of
+15/-25ppm/°C, although other tolerances and TCR
s are available.
The resistance element in these devices is a precisely
controlled thin film of metal alloy deposited on a high
quality alumina rod. Plated caps are force-fitted before the assembly is trimmed using advanced trimming
techniques to ensure excellent performance and low electrical noise.
Leads are welded to the end caps prior to the resistor being coated with epoxy, and colour band marking applied.
A variety of standard lead forms are available for use where auto-insertion is not available or practical. This gives
the advantage of the value being shown, even if the resistor is machine preformed or auto-inserted.
The MF is RoHS compliant with 100% lead free, Contact us with your specific needs.
MF Metal Film Precision Resistors
Features
- Low cost, low noise, operating temperature range -55°C ~ 155°C
- Precision tighted tolerance available in ±0.1%, ±0.25%, ±0.5%, ±1%
- Pure tin plating provides compatibility with lead (Pb)-free and lead containing soldering processes
Precision Metal-Film Resistors for Low-Cost Uses
Metal Film
Precision Resistors
Applications
- Telecom
- Test and measurement
- All general purpose applications
TOKEN
42 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com