Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 31 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 31 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Features
- Quick Response
- Reliable Performance
- Epoxy or hermetical package
- Good Characteristic of Spectrum
Preview
The cadmium sulfide (CdS) or light dependent resistor (LDR) whose resistance is inversly dependent
on the amount of light falling on it, is known by many names including the photo resistor, photoresistor,
photoconductor, photoconductive cell, or simply the photocell.
A typical structure for a photoresistor uses an active semiconductor layer that is deposited on an insulating
substrate. The semiconductor is normally lightly doped to enable it to have the required level of conductivity.
Contacts are then placed either side of the exposed area.
The photo-resistor, CdS, or LDR finds many uses as a low cost photo sensitive element and was used for many
years in photographic light meters as well as in other applications such as smoke, flame and burglar detectors,
card readers and lighting controls for street lamps.
Providing design engineers with an economical CdS or LDR with high quality performance, Token Electronics
now offers commercial grade PGM photoresistor. Designated the PGM Series, the photoresistors are available in
5mm, 12mm and 20mm sizes, the conformally epoxy or hermetical package offer high quality performance for
applications that require quick response and good characteristic of spectrum.
Token has been designing and manufacturing high performance light dependent resistors for decades. Our
product offerings are extensive and our experience with custom photoresistor is equally extensive. Contact us
with your specific needs.
Applications
- Photoswitch
- Photoelectric Control
- Auto Flash for Camera
- Electronic Toys, Industrial Control
29 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw
PGM CDS Photoresistors
Light-Dependent Photoresistors for
Sensor Applications
CDS Light-Dependent
Photoresistors
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com