Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV1RGP Datasheet(PDF) 57 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV1RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV1RGP Datasheet(HTML) 57 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV1RGP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 56Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 57Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 58Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 59Page - Token Electronics Industry Co., Ltd. KNP-R3AV1RGP Datasheet HTML 60Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
SQ Ceramic Housed Cement Resistors
SQP - Dimensions
SQM - Dimensions
W
SQP
H
L
20Min
d
Type
Dimension (mm)
Resistance Range (Ω)
SQP
W±1
H±1
L±1.5
d±0.05
SQP
RS+SQP
2W
7
7
18
0.5~0.6
0.1~82
3W
8
8
22
0.7~0.8
0.1~180
181~33K
5W
10
9
22
0.7~0.8
0.1~180
181~50K
7W
10
9
35
0.7~0.8
0.1~430
431~50K
10W
10
9
48
0.7~0.8
0.1~470
471~50K
15W
12.5
11.5
48
0.7~0.8
0.5~600
601~150K
20W-25W
14
13.5
60
0.7~0.8
0.8~1K
1.1~150K
W
S
SQM
5 +2
-1
0.8±0.05
7.5 +2
-1 (10WS)
Type
Dimension (mm)
Resistance Range (Ω)
SQM
H±1.5
W±1
S±1
SQM
RS+SQM
2W
20
12
8
0.1-8.0
81-50K
3W
25
12
8
0.1-180
181-50K
5W
25
13
9
0.1-180
181-50K
7W
39
13
9
0.1-430
431-47K
10W
51
13
12
0.1-470
471-47K
10WS
35
16
12
0.1-430
431-47K
TOKEN
55 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com