Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADV3219ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 4 of 20
ADV3219
ADV3220
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLIES
Supply Current
V+, output enabled, no load
7
8
7.5
9
mA
V+, output disabled (EN high)
1.6
2.0
1.8
2.2
mA
V−, output enabled, no load
7
8
7.5
9
mA
V−, output disabled (EN high)
1.6
2.0
1.8
2.2
mA
Supply Voltage Range
±4.5
±5.5
±4.5
±5.5
V
PSR
f = 100 kHz
−72
−69
dB
f = 1 MHz
−62
−60
dB
TEMPERATURE
Operating Temperature Range
Still air
−40
+85
−40
+85
°C
Operating Junction-to-Ambient
Thermal Impedance, θJA
Still air
85
85
°C/W
Table 2. Logic Levels
VIH
VIL
IIH
IIL
SELECT, EN
SELECT, EN
SELECT, EN
SELECT, EN
+2.0 V minimum
+0.8 V maximum
±2 μA maximum
±2 μA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com