Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV3219ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±5 V, TA = 25°C, RL = 150 Ω, CL = 4 pF, ADV3219 at G = +1, ADV3220 at G = +2, unless otherwise noted.
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10k
10
100
1k
FREQUENCY (MHz)
0pF
2pF
4pF
10pF
Figure 4. ADV3219 Small Signal Frequency Response with Capacitive Loads,
200 mV p-p Output
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10k
10
100
1k
FREQUENCY (MHz)
0pF
2pF
4pF
10pF
Figure 5. ADV3219 Large Signal Frequency Response with
Capacitive Loads, 2 V p-p Output
0.2
–0.2
–0.1
0
0.1
020
510
15
TIME (ns)
0pF
2pF
4pF
10pF
Figure 6. ADV3219 Small Signal Pulse Response vs. Capacitive Load,
200 mV p-p Output
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10k
10
100
1k
FREQUENCY (MHz)
0pF
2pF
4pF
10pF
Figure 7. ADV3220 Small Signal Frequency Response with
Capacitive Loads, 200 mV p-p Output
4
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10k
10
100
1k
FREQUENCY (MHz)
0pF
2pF
4pF
10pF
Figure 8. ADV3220 Large Signal Frequency Response with
Capacitive Loads, 2 V p-p Output
0.2
–0.2
–0.1
0
0.1
02
510
15
TIME (ns)
0
0pF
2pF
4pF
10pF
Figure 9. ADV3220 Small Signal Pulse Response vs. Capacitive Load,
200 mV p-p Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com