Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADV3219ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
800 MHz, 2:1 Analog Multiplexers
ADV3219/ADV3220
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalog Devices foritsuse,nor for anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Excellent ac performance
−3 dB bandwidth
800 MHz (200 mV p-p)
730 MHz (2 V p-p)
Slew rate: 2800 V/μs
Low power: 75 mW, VS = ±5 V
Excellent video performance
>100 MHz, 0.1 dB gain flatness
0.02% differential gain/0.02° differential phase error
(RL = 150 Ω)
Gain = +1 (ADV3219) or gain = +2 (ADV3220)
Low crosstalk of −82 dB @ 5 MHz and −60 dB @ 100 MHz
High impedance output disable allows connection of
multiple devices without loading the output bus
8-lead LFCSP
APPLICATIONS
Routing of high speed signals including
Video (NTSC, PAL, S, SECAM, YUV, and RGB)
Compressed video (MPEG, wavelet)
3-level digital video (HDB3)
Data communications
Telecommunications
FUNCTIONAL BLOCK DIAGRAM
ADV3219
(ADV3220)
3
IN1
4
V+
1
IN0
2
GND
6OUT
5V–
8 SELECT
7EN
G = +1
(G = +2)
Figure 1.
GENERAL DESCRIPTION
The ADV3219 and ADV3220 are high speed, high slew rate,
buffered, 2:1 analog multiplexers. They offer a −3 dB signal
bandwidth greater than 800 MHz and channel switch times of
less than 20 ns with 1% settling. With −60 dB of crosstalk and
−82 dB isolation (at 100 MHz), the ADV3219 and ADV3220 are
useful in many high speed applications. The differential gain of
less than 0.02% and the differential phase of less than 0.02°,
together with 0.1 dB flatness beyond 100 MHz while driving a
75 Ω back terminated load, make the ADV3219 and ADV3220
ideal for all types of signal switching.
The ADV3219/ADV3220 include an output buffer that can be
placed into a high impedance state to allow multiple outputs to
be connected together for cascading stages without the off channels
loading the output bus. The ADV3219 has a gain of +1, and the
ADV3220 has a gain of +2; they both operate on ±5 V supplies
while consuming less than 7.5 mA of idle current.
The ADV3219/ADV3220 are available in the 8-lead LFCSP
package over the extended industrial temperature range of
−40°C to +85°C.


Similar Part No. - ADV3219ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3219ACPZ-R7 AD-ADV3219ACPZ-R7 Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
More results

Similar Description - ADV3219ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8183 AD-AD8183 Datasheet
739Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV.0
logo
Maxim Integrated Produc...
MAX4780 MAXIM-MAX4780_09 Datasheet
155Kb / 11P
0.7Ω, Low-Voltage, Quad 2:1 Analog Multiplexers
Rev 4; 3/09
logo
Analog Devices
ADV3221 AD-ADV3221 Datasheet
453Kb / 20P
800 MHz, 4:1 Analog Multiplexer
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ AD-AD8183ARUZ Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8183ARUZ-REEL AD-AD8183ARUZ-REEL Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2:1 Multiplexers
REV. 0
AD8185 AD-AD8185_15 Datasheet
732Kb / 16P
380 MHz, 25 mA, Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
ADV3219 AD-ADV3219_16 Datasheet
1Mb / 18P
800 MHz, 2:1 Analog Multiplexers
5/2016-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com