Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV3219ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 8 of 20
2
–2
–1
0
1
020
510
15
TIME (ns)
0pF
2pF
4pF
10pF
Figure 10. ADV3219 Large Signal Pulse Response vs. Capacitive Load,
2 V p-p Output
3000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
04.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (ns)
dv/dt
VOUT
Figure 11. ADV3219 Large Signal Rising Slew Rate with 4 pF Load,
2 V p-p Output
3000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
04.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (ns)
dv/dt
VOUT
Figure 12. ADV3219 Large Signal Falling Slew Rate with 4 pF Load,
2 V p-p Output
2
–2
–1
0
1
02
510
15
TIME (ns)
0
0pF
2pF
4pF
10pF
Figure 13. ADV3220 Large Signal Pulse Response vs. Capacitive Load,
2 V p-p Output
4000
3000
–4000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
04
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (ns)
dv/dt
VOUT
.0
Figure 14. ADV3220 Large Signal Rising Slew Rate with 4 pF Load,
2 V p-p Output
4000
3000
–4000
–3000
–2000
–1000
0
1000
2000
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
04
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TIME (ns)
dv/dt
VOUT
.0
Figure 15. ADV3220 Large Signal Falling Slew Rate with 4 pF Load,
2 V p-p Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com