Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV3219ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 17 of 20
APPLICATIONS INFORMATION
The ADV3219 and ADV3220 are very high speed muxes that
can be used to switch video or RF signals. The low output imped-
ance of the ADV3219/ADV3220 allows the output environment
to be optimized for use in 75 Ω or 50 Ω systems by choosing the
appropriate series termination resistor. For composite video
applications, the ADV3220 (gain of +2) is typically used to
provide compensation for the loss of the output termination.
CIRCUIT LAYOUT
Use of proper high speed design techniques is important to
ensure optimum performance. Use a low inductance ground
plane for power supply bypassing and to provide high quality
return paths for the input and output signals. For best performance,
it is recommended that power supplies be bypassed with 0.1 μF
ceramic capacitors placed as close to the body of the device as
possible. To provide stored energy for lower frequency, high
current output driving, place 10 μF tantalum capacitors farther
from the device.
The input and output signal paths should be stripline or micro-
strip controlled impedance. Video systems typically use a 75 Ω
characteristic impedance, whereas RF systems typically use 50 Ω.
Various calculators are available to calculate the trace geometry
that is required to produce the proper characteristic impedance.
TERMINATION
For a controlled impedance situation, termination resistors are
required at the inputs and output of the device. The input ter-
mination should be a shunt resistor to ground with a value
matching the characteristic impedance of the input trace. To
reduce reflections, place the input termination resistor as close
to the device input pin as possible. To minimize the input-to-
input crosstalk, it is important to use a low inductance shield
between input traces to isolate each input. Consideration of
ground current paths must be taken to minimize loop currents
in the shields to prevent them from providing a coupling medium
for crosstalk.
For proper matching, the output series termination resistor
should be the same value as the characteristic impedance of the
output trace and placed as close to the output of the device as
possible. This placement reduces the high frequency effect of
series parasitic inductance, which can affect gain flatness and
−3 dB bandwidth.
CAPACITIVE LOAD
A high frequency output generally has difficulty when driving a
capacitive load. The usual response is some peaking in the fre-
quency domain or some overshoot in the time domain. If these
effects become too large, oscillation can result.
The response of the device under various capacitive loads is
shown in Figure 4 to Figure 10 and in Figure 13. If a condition
arises wherein excessive load capacitance is encountered and
the overshoot is too great or the part oscillates, use a small series
resistor of a few tens of ohms to improve the performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com