Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3219ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV3219ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3219ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV3219ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADV3219ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 16 of 20
THEORY OF OPERATION
The ADV3219/ADV3220 are dual-supply, high performance 2:1
analog multiplexers, optimized for switching between multiple
video sources. High peak slew rates enable wide bandwidth oper-
ation for large input signals. Internal compensation provides for
high phase margin, allowing low overshoot and fast settling for
pulsed inputs. Low enabled and disabled power consumption make
the ADV3219 and ADV3220 ideal for constructing larger arrays.
The multiplexer is organized as two input transconductance
stages tied in parallel with a single output transimpedance stage
followed by a unity-gain buffer. Internal voltage feedback sets
the gain. The ADV3219 is configured as a gain of 1, whereas the
ADV3220 uses a resistive feedback network and ground buffer to
realize gain-of-2 operation (see Figure 56). The ground reference
for the ADV3220 is taken from the exposed pad of the package.
To minimize spurious signals on the output, tie the exposed pad
to a low inductance, quiet ground plane.
V+
V–
IN0
V+
V–
IN1
V+
V–
GND
×1
1k
Ω
1k
Ω
OUT
Figure 56. Conceptual Diagram of ADV3220
When not in use, place the OUT pin in a low power, high
impedance disabled mode via the EN logic input. This mode
provides a wideband high impedance on the OUT pin that is
useful when paralleling multiple ADV3219/ADV3220 devices
in a system to create larger switching arrays.
Switching between the inputs is controlled with the SELECT
logic input, with IN0 selected when the SELECT line is a logical
low and IN1 selected when the select line is a logical high. When
EN is a logical low, the output is enabled and connected to one
of the two inputs depending on the state of the SELECT pin.
When EN is a logical high, the output is placed in a high
impedance mode.
When not in use, the output can be placed in a low power, high
impedance disabled mode via the EN logic input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com