Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 43Page - Texas Instruments TMS320DM647 Datasheet HTML 44Page - Texas Instruments TMS320DM647 Datasheet HTML 45Page - Texas Instruments TMS320DM647 Datasheet HTML 46Page - Texas Instruments TMS320DM647 Datasheet HTML 47Page - Texas Instruments TMS320DM647 Datasheet HTML 48Page - Texas Instruments TMS320DM647 Datasheet HTML 49Page - Texas Instruments TMS320DM647 Datasheet HTML 50Page - Texas Instruments TMS320DM647 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 3-8. PCI/UHPI/GPIO Block: PCI MUXed With UHPI and GPIO[0:7]
MUXED(1)
PCI
UHPI/GPIO[0:7]
UHPIEN (pin)
1
UHPI/GPIO[0:7]
0
PCI
(1)
The complete list of pin:AA22, AB22, AC21, AA23, AC22, AB21, AA21, Y21, AB20, AA20, Y20, Y19, AB18, AA19, AC18, AA18, Y16,
AB15, AA15, Y15, W15, V15, AC14, AB14, W14, V14, AC13, AB13, AA13, Y13 , W13, V13, W19, Y18, Y17, W17, W18, AC20, AC17,
W16, Y14, AC15, AA16, AB17, U13, U12, V12, AA12, AA17, AA14.
For information on the Ethernet Subsystem registers, see the TMS320DM647/DM648 DSP Subsystem
Reference Guide (literature number SPRUEU6).
3.2.7
MAC Address Registers
•
MAC_ADDR_R0
•
MAC_ADDR_R1
•
MAC_ADDR_RW0
•
MAC_ADDR_RW1
Two sets of registers provide default MAC addresses for the device. One set - MAC_ADDR_R0 and
MAC_ADDR_R1 - is read only and the other set - MAC_ADDR_RW0 and MAC_ADDR_RW1 - includes
read and write registers.
Figure 3-7. MAC_ADDR_R0 Register
31
0
MAC_ID
R-MAC ADDRESS[31:0]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-9. MAC_ADDR_R0 Register Field Descriptions
Bit
Field
Value
Description
31:0
MAC_ID
Mac
Bit 0 of MAC_ID is bit 0 of MAC Address
Address[31:0] of
the device
Figure 3-8. MAC_ADDR_R1 Register
31
24
23
16
CRC
Reserved
R-CRC for the MAC_ID
R-00000000
15
0
MAC_ID
R-MAC ADDRESS[47:32]
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 3-10. MAC_ADDR_R1 Register Field Descriptions
Bit
Field
Value
Description
31:24
CRC
CRC of the MAC
This field will hold the CRC of the MAC address of that particular device.
ID
23:16
Reserved
0x00
Reserved
15:0
MAC_ID
Mac
Bit 0 of MAC_ID is Bit 32 of MAC Address
Address[47:32] of
the device
Copyright © 2010–2009, Texas Instruments Incorporated
Device Configuration
47
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com