Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 81 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 77Page - Texas Instruments TMS320DM647 Datasheet HTML 78Page - Texas Instruments TMS320DM647 Datasheet HTML 79Page - Texas Instruments TMS320DM647 Datasheet HTML 80Page - Texas Instruments TMS320DM647 Datasheet HTML 81Page - Texas Instruments TMS320DM647 Datasheet HTML 82Page - Texas Instruments TMS320DM647 Datasheet HTML 83Page - Texas Instruments TMS320DM647 Datasheet HTML 84Page - Texas Instruments TMS320DM647 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 6-18. EDMA3 Transfer Controller 1 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A2 8354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A2 8358 - 02A2 837C
-
Reserved
02A2 8380
DFOPT2
Destination FIFO Options Register 2
02A2 8384
DFSRC2
Destination FIFO Source Address Register 2
02A2 8388
DFCNT2
Destination FIFO Count Register 2
02A2 838C
DFDST2
Destination FIFO Destination Address Register 2
02A2 8390
DFBIDX2
Destination FIFO BIDX Register 2
02A2 8394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A2 8398 - 02A2 83BC
-
Reserved
02A2 83C0
DFOPT3
Destination FIFO Options Register 3
02A2 83C4
DFSRC3
Destination FIFO Source Address Register 3
02A2 83C8
DFCNT3
Destination FIFO Count Register 3
02A2 83CC
DFDST3
Destination FIFO Destination Address Register 3
02A2 83D0
DFBIDX3
Destination FIFO BIDX Register 3
02A2 83D4
DFMPPRXY3
Destination FIFO Memory Protection Proxy Register 3
02A2 83D8 - 02A2 FFFF
-
Reserved
Table 6-19. EDMA3 Transfer Controller 2 Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A3 0000
PID
Peripheral Identification Register
02A3 0004
TCCFG
EDMA3TC Configuration Register
02A3 0008 - 02A3 00FC
-
Reserved
02A3 0100
TCSTAT
EDMA3TC Channel Status Register
02A3 0104 - 02A3 011C
-
Reserved
02A3 0120
ERRSTAT
Error Register
02A3 0124
ERREN
Error Enable Register
02A3 0128
ERRCLR
Error Clear Register
02A3 012C
ERRDET
Error Details Register
02A3 0130
ERRCMD
Error Interrupt Command Register
02A3 0134 - 02A3 013C
-
Reserved
02A3 0140
RDRATE
Read Rate Register
02A3 0144 - 02A3 023C
-
Reserved
02A3 0240
SAOPT
Source Active Options Register
02A3 0244
SASRC
Source Active Source Address Register
02A3 0248
SACNT
Source Active Count Register
02A3 024C
SADST
Source Active Destination Address Register
02A3 0250
SABIDX
Source Active Source B-Index Register
02A3 0254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A3 0258
SACNTRLD
Source Active Count Reload Register
02A3 025C
SASRCBREF
Source Active Source Address B-Reference Register
02A3 0260
SADSTBREF
Source Active Destination Address B-Reference Register
02A3 0264 - 02A3 027C
-
Reserved
02A3 0280
DFCNTRLD
Destination FIFO Set Count Reload
02A3 0284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
02A3 0288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A3 028C - 02A3 02FC
-
Reserved
02A3 0300
DFOPT0
Destination FIFO Options Register 0
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
81
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com