Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 83Page - Texas Instruments TMS320DM647 Datasheet HTML 84Page - Texas Instruments TMS320DM647 Datasheet HTML 85Page - Texas Instruments TMS320DM647 Datasheet HTML 86Page - Texas Instruments TMS320DM647 Datasheet HTML 87Page - Texas Instruments TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.7.7
Reset Controller Register
The reset type status (RSTYPE) register is the only register for the reset controller.
The RSTYPE register latches the cause of the last reset. If multiple reset sources occur simultaneously,
this register latches the highest priority reset source. The reset type status register is shown in Figure 6-9
and described in Table 6-22.
Figure 6-9. Reset Type Status Register (RSTYPE)
31
16
Reserved
R-0
15
4
3
2
1
0
Reserved
SRST
MRST
WRST
POR
R-0
R-0
R-0
R-0
R-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-22. Reset Type Status Register (RSTYPE) Field Descriptions
Bit
Field
Value
Description
31:4
Reserved
Reserved. The reserved bit location is always read as 0. A value written to this field has no effect.
3
SRST
System reset
0
System Reset was not the last reset to occur.
1
System Reset was the last reset to occur.
2
MRST
Max reset
0
Max Reset was not the last reset to occur.
1
Max Reset was the last reset to occur.
1
WRST
Warm reset
0
Warm Reset was not the last reset to occur.
1
Warm Reset was the last reset to occur.
0
POR
Power-on reset
0
Power-on Reset was not the last reset to occur.
1
Power-on Reset was the last reset to occur.
6.7.8
Reset Electrical Data/Timing
NOTE
If a configuration pin must be routed out from the device, the internal pullup/pulldown
(IPU/IPD) resistor should not be relied upon; TI recommends the use of an external
pullup/pulldown resistor.
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com