Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 75Page - Texas Instruments TMS320DM647 Datasheet HTML 76Page - Texas Instruments TMS320DM647 Datasheet HTML 77Page - Texas Instruments TMS320DM647 Datasheet HTML 78Page - Texas Instruments TMS320DM647 Datasheet HTML 79Page - Texas Instruments TMS320DM647 Datasheet HTML 80Page - Texas Instruments TMS320DM647 Datasheet HTML 81Page - Texas Instruments TMS320DM647 Datasheet HTML 82Page - Texas Instruments TMS320DM647 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 6-17. EDMA3 Transfer Controller 0 Registers (continued)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
02A2 0100
TCSTAT
EDMA3TC Channel Status Register
02A2 0104 - 02A2 011C
-
Reserved
02A2 0120
ERRSTAT
Error Register
02A2 0124
ERREN
Error Enable Register
02A2 0128
ERRCLR
Error Clear Register
02A2 012C
ERRDET
Error Details Register
02A2 0130
ERRCMD
Error Interrupt Command Register
02A2 0134 - 02A2 013C
-
Reserved
02A2 0140
RDRATE
Read Rate Register
02A2 0144 - 02A2 023C
-
Reserved
02A2 0240
SAOPT
Source Active Options Register
02A2 0244
SASRC
Source Active Source Address Register
02A2 0248
SACNT
Source Active Count Register
02A2 024C
SADST
Source Active Destination Address Register
02A2 0250
SABIDX
Source Active Source B-Index Register
02A2 0254
SAMPPRXY
Source Active Memory Protection Proxy Register
02A2 0258
SACNTRLD
Source Active Count Reload Register
02A2 025C
SASRCBREF
Source Active Source Address B-Reference Register
02A2 0260
SADSTBREF
Source Active Destination Address B-Reference Register
02A2 0264 - 02A2 027C
-
Reserved
02A2 0280
DFCNTRLD
Destination FIFO Set Count Reload
02A2 0284
DFSRCBREF
Destination FIFO Set Destination Address B Reference Register
02A2 0288
DFDSTBREF
Destination FIFO Set Destination Address B Reference Register
02A2 028C - 02A2 02FC
-
Reserved
02A2 0300
DFOPT0
Destination FIFO Options Register 0
02A2 0304
DFSRC0
Destination FIFO Source Address Register 0
02A2 0308
DFCNT0
Destination FIFO Count Register 0
02A2 030C
DFDST0
Destination FIFO Destination Address Register 0
02A2 0310
DFBIDX0
Destination FIFO BIDX Register 0
02A2 0314
DFMPPRXY0
Destination FIFO Memory Protection Proxy Register 0
02A2 0318 - 02A2 033C
-
Reserved
02A2 0340
DFOPT1
Destination FIFO Options Register 1
02A2 0344
DFSRC1
Destination FIFO Source Address Register 1
02A2 0348
DFCNT1
Destination FIFO Count Register 1
02A2 034C
DFDST1
Destination FIFO Destination Address Register 1
02A2 0350
DFBIDX1
Destination FIFO BIDX Register 1
02A2 0354
DFMPPRXY1
Destination FIFO Memory Protection Proxy Register 1
02A2 0358 - 02A2 037C
-
Reserved
02A2 0380
DFOPT2
Destination FIFO Options Register 2
02A2 0384
DFSRC2
Destination FIFO Source Address Register 2
02A2 0388
DFCNT2
Destination FIFO Count Register 2
02A2 038C
DFDST2
Destination FIFO Destination Address Register 2
02A2 0390
DFBIDX2
Destination FIFO BIDX Register 2
02A2 0394
DFMPPRXY2
Destination FIFO Memory Protection Proxy Register 2
02A2 0398 - 02A2 03BC
-
Reserved
02A2 03C0
DFOPT3
Destination FIFO Options Register 3
02A2 03C4
DFSRC3
Destination FIFO Source Address Register 3
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
79
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com