Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 87Page - Texas Instruments TMS320DM647 Datasheet HTML 88Page - Texas Instruments TMS320DM647 Datasheet HTML 89Page - Texas Instruments TMS320DM647 Datasheet HTML 90Page - Texas Instruments TMS320DM647 Datasheet HTML 91Page - Texas Instruments TMS320DM647 Datasheet HTML 92Page - Texas Instruments TMS320DM647 Datasheet HTML 93Page - Texas Instruments TMS320DM647 Datasheet HTML 94Page - Texas Instruments TMS320DM647 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
Table 6-25. DSP Interrupt Events (continued)
DSP
EVENT
INTERRUPT SOURCE
INTERRUPT
NUMBER
90
Reserved
Reserved
91
Reserved
Reserved
92
Reserved
Reserved
93
Reserved
Reserved
94
Reserved
Reserved
95
Reserved
Reserved
96
INTERR
C64x+ Interrupt Controller Dropped CPU Interrupt Event
97
EMC_IDMAERR
C64x+ EMC Invalid IDMA Parameters event
98
Reserved
Reserved
99
Reserved
Reserved
100
EFIINTA
EFI Interrupt from side A event
101
EFIINTB
EFI Interrupt from side B event
102 - 112
Reserved
Reserved
113
L1P_ED
L1P Single bit error detected during DMA read event
114-115
Reserved
Reserved
116
L2_ED1
L2 single bit error detected event
117
L2_ED2
L2 two bit error detected event
118
PDC_INT
Power Down sleep interrupt event
119
Reserved
Reserved
120
L1P_CMPA
L1P CPU memory protection fault event
121
L1P_DMPA
L1P DMA memory protection fault event
122
L1D_CMPA
L1D CPU memory protection fault event
123
L1D_DMPA
L1D DMA memory protection fault event
124
L2_CMPA
L2 CPU memory protection fault event
125
L2_DMPA
L2 DMA memory protection fault event
126
IDMA_CMPA
IDMA CPU memory protection fault event
127
IDMA_BUSERR
IDMA bus error interrupt event
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com