Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 22Page - Texas Instruments TMS320DM647 Datasheet HTML 23Page - Texas Instruments TMS320DM647 Datasheet HTML 24Page - Texas Instruments TMS320DM647 Datasheet HTML 25Page - Texas Instruments TMS320DM647 Datasheet HTML 26Page - Texas Instruments TMS320DM647 Datasheet HTML 27Page - Texas Instruments TMS320DM647 Datasheet HTML 28Page - Texas Instruments TMS320DM647 Datasheet HTML 29Page - Texas Instruments TMS320DM647 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 2-4. Terminal Functions (continued)
TERMINAL NAME
NO
TYPE
INTERNAL
OPER
DESCRIPTION
PULLUP/
VOLT
PULLDOWN
VP0D09
V20
I/O/Z
IPD
3.3 V
Video Port 0 Data 9
VP0D12/GP12
V21
I/O/Z
IPD
3.3 V
Video Port 0 Data 12 or GPIO 12
VP0D13/GP13
T19
I/O/Z
IPD
3.3 V
Video Port 0 Data 13 or GPIO 13
VP0D14/GP14
T20
I/O/Z
IPD
3.3 V
Video Port 0 Data 14 or GPIO 14
VP0D15/GP15
T21
I/O/Z
IPD
3.3 V
Video Port 0 Data 15 or GPIO 15
VP0D16
U20
I/O/Z
IPD
3.3 V
Video Port 0 Data 16
VP0D17
U22
I/O/Z
IPD
3.3 V
Video Port 0 Data 17
VP0D18
U21
I/O/Z
IPD
3.3 V
Video Port 0 Data 18
VP0D19
R18
I/O/Z
IPD
3.3 V
Video Port 0 Data 19
VIDEO PORT 1 OR GPIO[16:31]
VP1CLK0
P23
I
IPU
3.3 V
Video Port 1 Clock 0
VP1CLK1
N23
I/O/Z
IPU
3.3 V
Video Port 1 Clock 1
VP1CTL0
R23
I/O/Z
IPU
3.3 V
Video Port 1 Control 0
VP1CTL1
P22
I/O/Z
IPU
3.3 V
Video Port 1 Control 1
VP1CTL2
N22
I/O/Z
IPU
3.3 V
Video Port 1 Control 2
VP1D02/GP16
R19
I/O/Z
IPD
3.3 V
Video Port 1 Data 2 or GPIO 16
VP1D03/GP17
P19
I/O/Z
IPD
3.3 V
Video Port 1 Data 3 or GPIO 17
VP1D04/GP18
P18
I/O/Z
IPD
3.3 V
Video Port 1 Data 4 or GPIO 18
VP1D05/GP19
R22
I/O/Z
IPD
3.3 V
Video Port 1 Data 5 or GPIO 19
VP1D06/GP20
R21
I/O/Z
IPD
3.3 V
Video Port 1 Data 6 or GPIO 20
VP1D07/GP21
R20
I/O/Z
IPD
3.3 V
Video Port 1 Data 7 or GPIO 21
VP1D08/GP22
N21
I/O/Z
IPD
3.3 V
Video Port 1 Data 8 or GPIO 22
VP1D09/GP23
N20
I/O/Z
IPD
3.3 V
Video Port 1 Data 9 or GPIO 23
VP1D12/GP24
N19
I/O/Z
IPD
3.3 V
Video Port 1 Data 12 or GPIO 24
VP1D13/GP25
P21
I/O/Z
IPD
3.3 V
Video Port 1 Data 13 or GPIO 25
VP1D14/GP26
P20
I/O/Z
IPD
3.3 V
Video Port 1 Data 14 or GPIO 26
VP1D15/GP27
M20
I/O/Z
IPD
3.3 V
Video Port 1 Data 15 or GPIO 27
VP1D16/GP28
M18
I/O/Z
IPD
3.3 V
Video Port 1 Data 16 or GPIO 28
VP1D17/GP29
N18
I/O/Z
IPD
3.3 V
Video Port 1 Data 17 or GPIO 29
VP1D18/GP30
M21
I/O/Z
IPD
3.3 V
Video Port 1 Data 18 or GPIO 30
VP1D19/GP31
M19
I/O/Z
IPD
3.3 V
Video Port 1 Data 19 or GPIO 31
VIDEO PORT 2 OR VLYNQ
VP2CLK0
AB1
I
IPU
3.3 V
Video Port 2 Clock 0 (I)
VP2CLK1/VCLK
W1
I/O/Z
IPU
3.3 V
Video Port 2 Clock 1 or VLYNQ Clock (I/O)
VP2CTL0
AA1
I/O/Z
IPU
3.3 V
Video Port 2 Control 0
VP2CTL1
AB2
I/O/Z
IPU
3.3 V
Video Port 2 Control 1
VP2CTL2/VSCRUN
Y1
I/O/Z
IPU
3.3 V
Video Port 2 Control 2 or VLYNQ serial clock run request (I/O)
VP2D02
W5
I/O/Z
IPD
3.3 V
Video Port 2 Data 2
VP2D03
AA2
I/O/Z
IPD
3.3 V
Video Port 2 Data 3
VP2D04
Y3
I/O/Z
IPD
3.3 V
Video Port 2 Data 4
VP2D05
U6
I/O/Z
IPD
3.3 V
Video Port 2 Data 5
VP2D06
Y2
I/O/Z
IPD
3.3 V
Video Port 2 Data 6
VP2D07
W3
I/O/Z
IPD
3.3 V
Video Port 2 Data 7
VP2D08
V5
I/O/Z
IPD
3.3 V
Video Port 2 Data 8
VP2D09
W4
I/O/Z
IPD
3.3 V
Video Port 2 Data 9
VP2D12/VRXD0
W2
I/O/Z
IPD
3.3 V
Video Port 2 Data 12 or VLYNQ receive data pin [0] (I)
26
Device Overview
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com