Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 145Page - Texas Instruments TMS320DM647 Datasheet HTML 146Page - Texas Instruments TMS320DM647 Datasheet HTML 147Page - Texas Instruments TMS320DM647 Datasheet HTML 148Page - Texas Instruments TMS320DM647 Datasheet HTML 149Page - Texas Instruments TMS320DM647 Datasheet HTML 150Page - Texas Instruments TMS320DM647 Datasheet HTML 151Page - Texas Instruments TMS320DM647 Datasheet HTML 152Page - Texas Instruments TMS320DM647 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.18.1.2 McASP Peripheral Register Description(s)
Table 6-72. McASP Control Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 0000
PID
Peripheral Identification register [Register value: 0x0010 0101]
0x0204 0004
PWRDEMU
Power down and emulation management register
0x0204 0008
-
Reserved
0x0204 000C
-
Reserved
0x0204 0010
PFUNC
Pin function register
0x0204 0014
PDIR
Pin direction register
0x0204 0018
PDOUT
Pin data out register
Pin data in/data set register
0x0204 001C
PDIN/PDSET
Read returns: PDIN
Writes affect: PDSET
0x0204 0020
PDCLR
Pin data clear register
0x0204 0024 - 0x0204 0040
-
Reserved
0x0204 0044
GBLCTL
Global control register
0x0204 0048
AMUTE
Mute control register
0x0204 004C
DLBCTL
Digital Loop-back control register
0x0204 0050
DITCTL
DIT mode control register
0x0204 0054 - 0x0204
-
Reserved
005C
Alias of GBLCTL containing only Receiver Reset bits, allows transmit to be reset
0x0204 0060
RGBLCTL
independently from receive.
0x0204 0064
RMASK
Receiver format UNIT bit mask register
0x0204 0068
RFMT
Receive bit stream format register
0x0204 006C
AFSRCTL
Receive frame sync control register
0x0204 0070
ACLKRCTL
Receive clock control register
0x0204 0074
AHCLKRCTL
High-frequency receive clock control register
0x0204 0078
RTDM
Receive TDM slot 0-31 register
0x0204 007C
RINTCTL
Receiver interrupt control register
0x0204 0080
RSTAT
Status register - Receiver
0x0204 0084
RSLOT
Current receive TDM slot register
0x0204 0088
RCLKCHK
Receiver clock check control register
0x0204 008C - 0x0204
-
Reserved
009C
Alias of GBLCTL containing only Transmitter Reset bits, allows transmit to be reset
0x0204 00A0
XGBLCTL
independently from receive.
0x0204 00A4
XMASK
Transmit format UNIT bit mask register
0x0204 00A8
XFMT
Transmit bit stream format register
0x0204 00AC
AFSXCTL
Transmit frame sync control register
0x0204 00B0
ACLKXCTL
Transmit clock control register
0x0204 00B4
AHCLKXCTL
High-frequency Transmit clock control register
0x0204 00B8
XTDM
Transmit TDM slot 0-31 register
0x0204 00BC
XINTCTL
Transmit interrupt control register
0x0204 00C0
XSTAT
Status register - Transmitter
0x0204 00C4
XSLOT
Current transmit TDM slot
0x0204 00C8
XCLKCHK
Transmit clock check control register
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
149
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com