Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 161Page - Texas Instruments TMS320DM647 Datasheet HTML 162Page - Texas Instruments TMS320DM647 Datasheet HTML 163Page - Texas Instruments TMS320DM647 Datasheet HTML 164Page - Texas Instruments TMS320DM647 Datasheet HTML 165Page - Texas Instruments TMS320DM647 Datasheet HTML 166Page - Texas Instruments TMS320DM647 Datasheet HTML 167Page - Texas Instruments TMS320DM647 Datasheet HTML 168Page - Texas Instruments TMS320DM647 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 181 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
6.20 Management Data Input/Output (MDIO)
The management data input/output (MDIO) module continuously polls all 32 MDIO addresses to
enumerate all PHY devices in the system. It contains two user access registers to control and monitor up
to two PHYs simultaneously.
The MDIO module implements the 802.3 serial management interface to interrogate and control two
Ethernet PHYs simultaneously using a shared two-wire bus.
6.20.1 MII Management Interface
Host software uses the MDIO module to configure the auto-negotiation parameters of each PHY attached
to the Ethernet Switch Subsystem, retrieve the negotiation results, and configure required parameters in
the Ethernet Switch Subsystem module for correct operation. The module is designed to allow almost
transparent operation of the MDIO interface, with very little maintenance from the core processor. Only a
maximum of two PHYs may be connected at any given time.
For more detailed information on the Ethernet Switch Subsystem, see the TMS320DM647/DM648 DSP
Ethernet Subsystem User's Guide Reference Guide (literature number SPRUF57). For a list of supported
registers and register fields, see Table 6-83.
6.20.2 MDIO Register Descriptions
Table 6-83. MDIO Registers
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x02D0 4000
MDIOVER
Module version register
0x02D0 4004
MDIOCONTROL
Module control register
0x02D0 4008
MDIOALIVE
PHY acknowledge status register
0x02D0 400C
MDIOLINK
PHY link status register
0x02D0 4010
MDIOLINKINTRAW
Link status change interrupt register (raw
value)
0x02D0 4014
MDIOLINKINTMASKED
Link status change interrupt register (masked
value)
0x02D0 4018 - 0x02D0 401C
reserved
0x02D0 4020
MDIOUSERINTRAW
User command complete interrupt register
(raw value)
0x02D0 4024
MDIOUSERINTMASKED
User command complete interrupt register
(masked value)
0x02D0 4028
MDIOUSERINTMASKSET
User interrupt mask set register
0x02D0 402C
MDIOUSERINTMASKCLR
User interrupt mask clear register
0x02D0 4030 - 0x02D0 407C
reserved
0x02D0 4080
MDIOUSERACCESS0
User access register0
0x02D0 4084
MDIOUSERPHYSEL0
User PHY select register0
0x02D0 4088
MDIOUSERACCESS1
User access register1
0x02D0 408C
MDIOUSERPHYSEL1
User PHY select register1
0x02D0 4090 - 0x02D0 40FF
reserved
Copyright © 2010–2009, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
165
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com