Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 9 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 9 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 13Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
9
DS-SIG61 R0.932
Figure 4.1 - Write command
Command type 2: Read command.
The Read command, initiated by the Master, requests the status of the SIG61 input pins.
The Read command from the master consists of 3 bytes: sync break, sync field and identifier. The
identifier of this command begins with the four-bit ID of the device, followed by “01”, and finally 2
protection bits. The two protection bits are calculated as described above.
If header detection is correct (including protection bits), the SIG61 device (whose ID matches the one in
the command) shall respond by sending two bytes. A data byte containing the status of its eight input
Signal pins followed by a checksum byte. The checksum calculation is carried out as in the description
above while part of it, the identifier byte, was transmitted by the Master. Figure 4.2 shows a generic
Read command.
Figure 4.2 - Read command
Command type 3: Read-change
The Read-change command is similar to the Read command. However, it enables to detect any change
in the input pins (pulse-like behavior) that may have occurred between two consecutive Read or Read-
change commands. The command from the master instructs the SIG61 to send back information on
changes of its input pins since the last Read or Read-change command. The first change on the pin
after the Read command sets its bit value.
Figure 4.3 shows the process of determining the sent bit value of an input pin.
Figure 4.3 - Determining the recent changed value of an input pin
The Read-change command from the master has 3 bytes: sync break, sync field and identifier.
The identifier begins with the destination device four-bit ID, followed by 10 and terminating with 2
protection bits. The response for this command is a data byte containing the SIG61`s input pins recent
changed value, followed by the checksum byte. See checksum and protection bits calculation
description above. Figure 4.4 shows a Read-changes command.
Read -change
command
1 bit
Input pin level
Sent value
Sync break
Sync Field
P1, P0, 0, 0, Address
Data (8 input bits)
Checksum
Master
Slave
Sync break
Sync Field
P1, P0, 0, 1, Address
Out [7:0]
Checksum
SIG61 Outputs at receiving device
3 bit delay
Transmitted command
Change
“1”
“1”
“0”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com