Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 13 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 13 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 13Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 14Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 15Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
13
DS-SIG61 R0.932
5
ELECTRICAL PARAMETERS
5.1
Absolute Maximum Rating
Ambient Temperature under bias
-40°C to 125°C
Storage Temperature
-55°C to 150°C
Input Voltage
-0.6V to Vdd+0.3V
Vdd Supply voltage
-0.3V to 4V
5.2
Electrical Operating Conditions
Symbol
Characteristics
Min
Typ
Max
Units
Conditions
Vdd
Supply Voltage
3.0
3.3
3.6
V
Idd
Supply Current
40
mA
5.5MHz
Idd
Supply Current during Tx
50
mA
5.5MHz
Ipd
Supply Current in Sleep
mode
80
uA
5.3
DC Electrical Characteristics
Symbol
Characteristics
Vdd
Typ
Units
Conditions
VIH
Minimum high level input voltage
3.0
2.1
V
VIL
Maximum low level input voltage
3.0
0.9
V
VOH
Minimum high level output voltage
3.0
2.4
V
VOL
Maximum low level output voltage
3.0
0.4
V
Iout
Maximum output current, other
pins
See pins table
IIN
Maximum input current
3.3
± 10
uA
5.4
Operating Temperature
Commercial:
0°C to 70°C
Industrial:
-40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com