Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 6 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 6 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
6
DS-SIG61 R0.932
R10
100K
C2
*pF
R6
100K
C5
1n
R11
NC
R2
1K
F1
SFE5.5
3
1
R8
100K
C3
1n
C1
*pF
Vdd
R7
100K
C6
10n
C4
560p/200V
X1
4MHz
R1
1K
Vdd
Vdd
VCC
Vdd
Vdd
InterHope
AutoSleep
J1
Inputs port
1
2
3
4
5
6
7
8
9
10
SIG61
DTxO
45
In2_HDI
42
HDO
35
In3_HDC
41
F1nF0
38
InterHope
3
Test
15
Gnd
46
TxO
8
Gnd
6
BitRate0
1
RxIn
10
Vdd
4
RxN
9
In0
47
In1
44
In6
37
In4
40
In5
39
In7
36
Id0
16
Id1
14
Id2
13
Id3
12
Vdd
34
Gnd
33
Mode2_LBD
48
Vdd
43
NC
5
BitRate1
2
Gnd
7
Vdd
11
EXP
EXP
Vdd
D2
BAS70-04
R16
680
D1
BAS70-04
J2
Outputs port
Vdd
AC/DC BUS
C9 1n
Vdd
C10
100p
C7
1nF
C8
1nF
R13
1K
R12
1K
Id2
Id3
F1nF0
Id0
AutoFreqChange
R3
10
BitRate0
BitRate1
Id1
F0
SFE6.5
3
1
R5
100K
Figure 3.3 – Typical SIG61 dual channel circuit
Note: All the signals indicated in red, should be tied either to Gnd, or Vdd, according to the desired
mode of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com