Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 12 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 12 Page - Yamar Electronics Ltd.

Back Button SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 10Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 11Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 12Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 13Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 14Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 15Page - Yamar Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
12
DS-SIG61 R0.932
4.3
SIG61 Configuration
The Pins labeled “Mode 4” and “Mode 3” should be tied up to Vdd.
The SIG61 operates at default with the following parameters:
Bit rate: 19.2Kbps, F0=5.5MHz, F1=6.5MHz
The following configuration bits set the operating frequencies according to table 4.2.
Table 4.2 – F0, F1 select
Table 4.3 – bit rates selection
BitRate (1,0)
Pins
Frequency
11
10
01
00
1.75 MHz
-
-
9.6K
19.2K
4.50 MHz
38.4K
57.6K
9.6K
19.2K
5.50 MHz
38.4K
57.6K
9.6K
19.2K
6.00 MHz
38.4K
57.6K
9.6K
19.2K
6.50 MHz
38.4K
57.6K
9.6K
19.2K
10.50 MHz
38.4K
57.6K
115.2
19.2K
13.00 MHz
38.4K
57.6K
115.2
19.2K
Signal
High (“1”)
Low (“0”)
AutoSleep
Auto Sleep On
Auto Sleep Off
ID[3:0]
Defines device ID
F1nF0
Select F1
Select F0
InterHop
InterHop On
InterHop Off
F0F1 (3:0) pins
F0
F1
1111
1.75Mhz
4.5Mhz
1110
1.75Mhz
5.5Mhz
1101
1.75Mhz
6Mhz
1100
1.75Mhz
6.5Mhz
1011
4.5Mhz
5.5Mhz
1010
4.5Mhz
6.0Mhz
1001
4.5Mhz
6.5Mhz
1000
4.5Mhz
10.5Mhz
0111
10.5Mhz
13.0Mhz
0110
5.5Mhz
10.5Mhz
0101
5.5Mhz
13.0Mhz
0100
6.0Mhz
10.5Mhz
0011
6.0Mhz
13.0Mhz
0010
6.5Mhz
10.5Mhz
0001
6.5Mhz
13.0Mhz
0000
5.5Mhz
6.5Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com