Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 3 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 3 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
3
DS-SIG61 R0.932
3 SIG61 SIGNALS
Device signals are described in table 3.1.
SIG61
DTxO
45
In2_HDI
42
HDO
35
In3_HDC
41
F1nF0
38
InterHope
3
Test
15
Gnd
46
TxO
8
Gnd
6
BitRate0
1
RxIn
10
Vdd
4
RxN
9
In0
47
In1
44
In6
37
In4
40
In5
39
In7
36
Id0
16
Id1
14
Id2
13
Id3
12
Vdd
34
Gnd
33
Mode2_LBD
48
Vdd
43
NC
5
BitRate1
2
Gnd
7
Vdd
11
EXP
EXP
Pin name
Pin# Pin type
Description
Control Signals
HDO
35
Output
8mA
Digital data output signal. Output the received data from the
powerline to the host.
INH
32
Output
8mA
Inhibit output for enabling the host or an external voltage regulator
powering the host. This signal is HIGH in the normal and standby
modes and LOW in sleep mode.
nSleep
31
Input
Sleep control input. Pulling this signal to LOW puts the SIG61 in
sleep mode. Should be pulled to Vdd.
Wake
26
Input
Local wakeup input. Negative or positive edge triggered. This pin can
be connected to an external switch in the application. When the pin is
triggered the device will wake up and send a wake up message to all
the devices on the network. When not in use, this pin should be
pulled Up or Down.
nReset
29
Input, PU Reset Input
InterfHop
3
Input, PD Allows automatic frequency hoping whenever an interference signal
is detected on the DC line. When HIGH, detection of interference
switches the operating frequency between F0 and F1. If at the new
frequency, no reception occurred for 2 sec, the operating frequency is
switched back. For designs with a single channel this pin should be
tied to ground.
Test
15
Input, PD Should be connected to Gnd
MF1nF0
23
Output
12mA
Output indicating the operating frequency. F1 when HIGH and F0
when LOW.
Line Interface signals
OscO
52
Analog
Output
Crystal Output
Figure 3.1 - SIG61 Pin-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com