Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFSL5.5MDB Datasheet(PDF) 5 Page - Yamar Electronics Ltd.

Part # SFSL5.5MDB
Description  Smart Slave for DC-BUS Powerline Network
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAR [Yamar Electronics Ltd.]
Direct Link  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

SFSL5.5MDB Datasheet(HTML) 5 Page - Yamar Electronics Ltd.

  SFSL5.5MDB Datasheet HTML 1Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 2Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 3Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 4Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 5Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 6Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 7Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 8Page - Yamar Electronics Ltd. SFSL5.5MDB Datasheet HTML 9Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice.
© 2010 Yamar Electronics Ltd.
5
DS-SIG61 R0.932
F0F1-0
49
Input PD
Frequency selection pins. See 4.2.
F0F1-1
50
Input PD
Frequency selection pins. See 4.2.
F0F1-2
55
Input PD
Frequency selection pins. See 4.2.
F0F1-3
56
Input PD
Frequency selection pins. See 4.2.
BitRate0
1
Input PD
Bit rate selection pins. See 4.3.
BitRate1
2
Input PD
Bit rate selection pins. See 4.3.
NC
5
---
Not connected.
Mode2
48
Input PD
Should be left unconnected.
Mode3
62
Input PD
Should be connected to Vdd.
Mode4
36
Input PD
Should be connected to Vdd
AutoFreqCh
64
Input PD
Automatic Frequency Change. When HIGH, the device automatically
switches frequency after about 4 seconds without bus activity.
AutoSleep
30
Input PD
When this pin is set to HIGH, the device will automatically enter sleep
mode after about 8 seconds without bus activity.
F1nF0
38
Input PD
Selects between F0 / F1. HIGH – F1, LOW – F0
Power signals
Gnd
4,11,
34,43,
57
Power
Ground
Vdd
6,7,33,
46,51
Power
3.3V power supply.
AGnd
54
Power
Analog Ground
AVdd
60
Power
3.3V Analog Power. Separate from Vdd with a 10 Ohm resistor and bypass
to Ground with 1nF and 10nF capacitor.
Exp
Exp
May be connected to GND
PD – Pull down resistor 100K ohm ±%30
PU – Pull up resistor 100K ohm ±%30
Table 3.1 - Device signals
3.1 Power Signals
Vdd and Gnd layout traces should be as wide as possible. It is recommended to connect a 0.1uF
capacitor between each Vdd and ground pins, as close as possible to the pins.
Analog Vdd pin, AVdd, should be connected to Vdd. AGnd should be connected to ground. The Analog
supply has to be sufficiently powerful (capable of current driving), to avoid any fluctuations of supply
voltage level. It is recommended to keep the lines connecting the 3.3V power supply to Vdd pins as
short as possible with wide PCB traces.
R3
10
C5
1n
Vdd
C6
10n
AVdd
Figure 3.2 - Recommended AVdd circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com