Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 33Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 34Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 35Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 36Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 37Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 38Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 39Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 40Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 118 page
background image
4.7 Power Supplies
4.7.1
Power-Supply Sequencing
4.7.2
Power-Supply Decoupling
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
For more information regarding TI’s power management products and suggested devices to power TI
DSPs, visit www.ti.com/dsppower.
This device does not require specific power-up sequencing between the DVDD and CVDD voltage rails;
however, there are some considerations that the system designer should take into account:
1. Neither supply should be powered up for an extended period of time (>1 second) while the other
supply is powered down.
2. The I/O buffers powered from the DVDD rail also require the CVDD rail to be powered up in order to be
controlled; therefore, an I/O pin that is supposed to be 3-stated by default may actually drive
momentarily until the CVDD rail has powered up. Systems should be evaluated to determine if there is
a possibility for contention that needs to be addressed. In most systems where both the DVDD and
CVDD supplies ramp together, as long as CVDD tracks DVDD closely, any contention is also mitigated by
the fact that the CVDD rail would reach its specified operating range well before the DVDD rail has fully
ramped.
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. The core supply caps can be placed in the interior space of the package and
the I/O supply caps can be placed around the exterior space of the package. For the BGA package, it is
recommended that both the core and I/O supply caps be placed on the underside of the PCB. For the
TQFP package, it is recommended that the core supply caps be placed on the underside of the PCB and
the I/O supply caps be placed on the top side of the PCB.
Both core and I/O decoupling can be accomplished by alternating small (0.1
µF) low ESR ceramic bypass
caps with medium (0.220
µF) low ESR ceramic bypass caps close to the DSP power pins and adding
large tantalum or ceramic caps (ranging from 10
µF to 100 µF) further away. Assuming 0603 caps, it is
recommended that at least 6 small, 6 medium, and 4 large caps be used for the core supply and 12 small,
12 medium, and 4 large caps be used for the I/O supply.
Any cap selection needs to be evaluated from an electromagnetic radiation (EMI) point-of-view; EMI varies
from one system design to another so it is expected that engineers alter the decoupling capacitors to
minimize radiation. Refer to the High-Speed DSP Systems Design Reference Guide (literature number
SPRU889) for more detailed design information on decoupling techniques.
Submit Documentation Feedback
Peripheral and Electrical Specifications
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com