Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 58Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 59Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 60Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 61Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 62Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 63Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 64Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 65Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
The UHPI has several device-level configuration registers which affect its behavior. Figure 4-18,
Figure 4-19, and Figure 4-20 show the bit layout of these registers. Table 4-14, Table 4-15, and
Table 4-16 contain a description of the bits in these registers.
31
8
Reserved
7
5
4
3
2
1
0
Reserved
BYTEAD
FULL
NMUX
PAGEM
ENA
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-18. CFGHPI Register Bit Layout (0x4000 0008)
Table 4-14. CFGHPI Register Bit Field Description (0x4000 0008)
RESET
READ
BIT NO.
NAME
DESCRIPTION
VALUE
WRITE
31:5
Reserved
N/A
N/A
Reads are indeterminate. Only 0s should be written to these bits.
4
BYTEAD
0
R/W
UHPI Host Address Type
0 = Host Address is a word address
1 = Host Address is a byte address
3
FULL
0
R/W
UHPI Multiplexing Mode (when NMUX = 0)
0 = Half-Word (16-bit data) Multiplexed Address and Data Mode
1 = Fullword (32-bit data) Multiplexed Address and Data Mode
2
NMUX
0
R/W
UHPI Non-Multiplexed Mode Enable
0 = Multiplexed Address and Data Mode
1 = Non-Multiplexed Address and Data Mode (utilizes optional UHPI_HA[15:0] pins).
Host data bus is 32 bits in Non-Multiplexed mode. Setting this bit prevents the EMIF
from driving data out or 'parking' the shared EM_D[31:16]/UHPI_HA[15:0] pins.
1
PAGEM
0
R/W
UHPI Page Mode Enable (Only for Multiplexed Address and Data Mode).
0 = Full 32-bit DSP address specified through host port.
1 = Only lower 16 bits of DSP address are specified through host port. Upper 16 bits
are restricted to the page selected by CFGHPIAMSB and CFGHPIAUMB registers.
0
ENA
0
R/W
UHPI Enable
0 = UHPI is disabled
1 = UHPI is enabled. Set this bit to '1' only after configuring the other bits in this
register.
Peripheral and Electrical Specifications
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com