Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 65 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 61Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 62Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 63Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 64Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 65Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 66Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 67Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 68Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-18. UHPI Read and Write Switching Characteristics(1)(2)
NO.
PARAMETER
MIN
MAX
UNIT
Case 1. HPIC or HPIA read
1
15
Case 2. HPID read with no
9 * 2H + 20(3)
auto-increment
Case 3. HPID read with
1
td(DSL-HDV)
Delay time, DS low to HD valid
ns
auto-increment and read FIFO
9 * 2H + 20(3)
initially empty
Case 4. HPID read with
auto-increment and data previously
1
15
prefetched into the read FIFO
2
tdis(DSH-HDV)
Disable time, HD high-impedance from DS high
1
4
ns
3
ten(DSL-HDD)
Enable time, HD driven from DS low
3
15
ns
4
td(DSL-HRDYH)
Delay time, DS low to UHPI_HRDY high
12
ns
5
td(DSH-HRDYH)
Delay time, DS high to UHPI_HRDY high
12
ns
Case 1. HPID read with no
10 * 2H + 20(3)
auto-increment
Delay time, DS low to UHPI_HRDY
6
td(DSL-HRDYL)
ns
Case 2. HPID read with
low
auto-increment and read FIFO
10 * 2H + 20(3)
initialy empty
7
td(HDV-HRDYL)
Delay time, HD valid to UHPI_HRDY low
0
ns
Case 1. HPIA write
5 * 2H + 20(3)
Delay time, DS high to
Case 2. HPID read with
34
td(DSH-HRDYL)
ns
UHPI_HRDY low
auto-increment and read FIFO
5 * 2H + 20(3)
initially empty
Delay time, DS low to UHPI_HRDY low for HPIA write and FIFO not
35
td(DSL-HRDYL)
40 * 2H + 20(3)
ns
empty
36
td(HASL-HRDYH)
Delay time, UHPI_HAS low to UHPI_HRDY high
12
ns
(1)
H = 0.5 * SYSCLK2 period
(2)
DS refers to HSTROBE. HAD refers to UHPI_HCNTL[0], UHPI_HCNTL[1], UHPI_HHWIL, and UHPI_HRW.
(3)
Max delay is a best case, assuming no delays due to resource conflicts between UHPI and dMAX or CPU. UHPI_HRDY should always
be used to indicate when an access is complete instead of relying on these parameters.
Submit Documentation Feedback
Peripheral and Electrical Specifications
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com