Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 34Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 35Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 36Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 37Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 38Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 39Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 40Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 41Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 118 page
background image
4.8 Reset
4.8.1
Reset Electrical Data/Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
A hardware reset (RESET) is required to place the DSP into a known good state out of power-up. The
RESET signal can be asserted (pulled low) prior to ramping the core and I/O voltages or after the core
and I/O voltages have reached their proper operating conditions. As a best practice, RESET should be
held low during power-up. Prior to deasserting RESET (low-to-high transition), the core and I/O voltages
should be at their proper operating conditions.
Table 4-1 assumes testing over recommended operating conditions.
Table 4-1. Reset Timing Requirements
NO.
MIN
MAX
UNIT
1
tw(RSTL)
Pulse width, RESET low
100
ns
2
tsu(BPV-RSTH)
Setup time, boot pins valid before RESET high
20
ns
3
th(RSTH-BPV)
Hold time, boot pins valid after RESET high
20
ns
Peripheral and Electrical Specifications
38
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com