Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 21Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 22Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 23Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 24Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 25Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 26Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 27Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 28Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 2-12. Terminal Functions (continued)
GDH/
SIGNAL NAME
RFP
TYPE(1)
PULL(2)
GPIO(3)
DESCRIPTION
ZDH
Clocks
OSCIN
23
J2
I
-
N
Oscillator Input
OSCOUT
24
J3
O
-
N
Oscillator Output
OSCVDD
25
J4
PWR
-
N
Oscillator CVDD tap point (for filter only)
OSCVSS
22
J1
PWR
-
N
Oscillator VSS tap point (for filter only)
CLKIN
17
H2
I
-
N
Alternate clock input (3.3-V LVCMOS Input)
PLLHV
27
K2
PWR
-
N
PLL 3.3-V Supply Input (requires external filter)
Device Reset
RESET
14
G2
I
-
N
Device reset pin
Emulation/JTAG Port
TCK
35
P1
I
IPU
N
Test Clock
TMS
19
K3
I
IPU
N
Test Mode Select
TDI
28
L1
I
IPU
N
Test Data In
TDO
29
M2
OZ
IPU
N
Test Data Out
TRST
21
K4
I
IPD
N
Test Reset
EMU[0]
32
M1
IO
IPU
N
Emulation Pin 0
EMU[1]
34
N1
IO
IPU
N
Emulation Pin 1
Power Pins - 256-Terminal GDH/ZDH Package
Core Supply (CVDD)
E6, E7, E8, E9, E10, E11, G5, G12, H5, H12, J5, J12, K5, K12, M6, M7, M8, M9, M10, M11
IO Supply (DVDD)
A2, A15, B1, B16, D4, D5, D12, D13, E4, E13, J14, M4, M13, N5, N12, P8, R1, R16, T2, T15
A1, A7, A10, A16, E5, E12, F5, F6, F7, F8, F9, F10, F11, F12, G1, G6, G7, G8, G9, G10, G11, G16, H3, H6,
Ground (VSS)
H7, H8, H9, H10, H11, J6, J7, J8, J9, J10, J11, K1, K6, K7, K8, K9, K10, K11, K16, L5, L6, L7, L8, L9, L10,
L11, L12, M5, M12, T1, T7, T10, T16
Power Pins - 144-Pin RFP Package
Core Supply (CVDD)
8, 16, 20, 33, 44, 53, 57, 65, 77, 85, 90, 101, 123, 128, 132
IO Supply (DVDD)
10, 31, 42, 50, 60, 68, 73, 81, 92, 103, 112, 125, 136
Ground (VSS)
1, 6, 13, 15, 18, 26, 30, 36, 40, 47, 54, 62, 69, 72, 78, 82, 87, 95, 99, 106, 109, 114, 118, 124, 129, 133, 140
Submit Documentation Feedback
Device Overview
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com