Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 101 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 97Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 98Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 99Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 100Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 101Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 102Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 103Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 104Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-38. RTI Registers (continued)
BYTE ADDRESS
REGISTER NAME
DESCRIPTION
0x4200 0090
RTIDWDCTRL
Digital Watchdog Control. Enables the Digital Watchdog.
0x4200 0094
RTIDWDPRLD
Digital Watchdog Preload. Sets the experation time of the Digital Watchdog.
0x4200 0098
RTIWDSTATUS
Watchdog Status. Reflects the status of Analog and Digital Watchdog.
0x4200 009C
RTIWDKEY
Watchdog Key. Correct written key values discharge the external capacitor.
0x4200 00A0
RTIDWDCNTR
Digital Watchdog Down-Counter
Figure 4-41 shows the bit layout of the CFGRTI register and Table 4-39 contains a description of the bits.
31
8
Reserved
7
6
4
3
2
0
Reserved
CAPSEL1
Reserved
CAPSEL0
R/W, 0
R/W, 0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 4-41. CFGRTI Register Bit Layout (0x4000 0014)
Table 4-39. CFGRTI Register Bit Field Description (0x4000 0014)
RESET
READ
BIT NO.
NAME
DESCRIPTION
VALUE
WRITE
31:7,3
Reserved
N/A
N/A
Reads are indeterminate. Only 0s should be written to these bits.
6:4
CAPSEL1
0
R/W
CAPSEL0 selects the input to the RTI Input Capture 0 function.
CAPSEL1 selects the input to the RTI Input Capture 1 function.
2:0
CAPSEL0
0
R/W
The encoding is the same for both fields:
000 = Select McASP0 Transmit DMA Event
001 = Select McASP0 Receive DMA Event
010 = Select McASP1 Transmit DMA Event
011 = Select McASP1 Receive DMA Event
100 = Select McASP2 Transmit DMA Event
101 = Select McASP2 Receive DMA Event
Other values are reserved and their effect is not determined.
Submit Documentation Feedback
Peripheral and Electrical Specifications
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com