Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 109 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 105Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 106Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 107Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 108Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 109Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 110Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 111Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 112Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 118 page
background image
7
Mechanical Data
7.1 Package Thermal Resistance Characteristics
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 7-1 and Table 7-2 provide the thermal characteristics for the recommended package types used on
the TMS320C672x DSP.
Table 7-1. Thermal Characteristics for GDH/ZDH Package
AIR FLOW
NO.
°C/W
(m/s)
Two-Signal, Two-Plane, 101.5 x 114.5 x 1.6 mm , 2-oz Cu. EIA/JESD51-9 PCB
1
R
θ
JA
Thermal Resistance Junction to Ambient
25
0
2
R
θ
JB
Thermal Resistance Junction to Board
14.5
0
3
R
θ
JC
Thermal Resistance Junction to Top of Case
10
0
4
ΨJB
Thermal Metric Junction to Board
14
0
5
ΨJT
Thermal Metric Junction to Top of Case
0.39
0
Table 7-2. Thermal Characteristics for RFP Package
THERMAL PAD CONFIGURATION
AIR
NO.
°C/W
FLOW
VIA
TOP
BOTTOM
(m/s)
ARRAY
Two-Signal, Two-Plane, 76.2 x 76.2 mm PCB(1)(2)(3)
1
R
θ
JA
Thermal Resistance Junction to Ambient
10.6 x 10.6 mm
10.6 x 10.6 mm
6 x 6
20
0
7.5 x 7.5 mm
7.5 x 7.5 mm
5 x 5
22
0
2
ΨJP
Thermal Metric Junction to Power Pad
10.6 x 10.6 mm
10.6 x 10.6 mm
6 x 6
0.39
0
Double-Sided 76.2 x 76.2 mm PCB(1) (2)(4)
3
R
θ
JA
Thermal Resistance Junction to Ambient
10.6 x 10.6 mm
10.6 x 10.6 mm
6 x 6
49
0
10.6 x 10.6 mm
38.1 x 38.1 mm
6 x 6
27
0
10.6 x 10.6 mm
57.2 x 57 mm
6 x 6
22
0
10.6 x 10.6 mm
76.2 x 76.2 mm
6 x 6
20
0
4
ΨJP
Thermal Metric Junction to Power Pad
10.6 x 10.6 mm
10.6 x 10.6 mm
6 x 6
0.39
0
(1)
PCB modeled with 2 oz/ft2 Top and Bottom Cu.
(2)
Package thermal pad must be properly soldered to top layer PCB thermal pad for both thermal and electrical performance. Thermal pad
is VSS.
(3)
Top layer thermal pad is connected through via array to both bottom layer thermal pad and internal VSS plane.
(4)
Top layer thermal pad is connected through via array to bottom layer thermal pad.
Submit Documentation Feedback
Mechanical Data
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com