Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C6720RFP300 Datasheet(PDF) 114 Page - Texas Instruments

Part # TMP320C6720RFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C6720RFP300 Datasheet(HTML) 114 Page - Texas Instruments

Back Button TMP320C6720RFP300 Datasheet HTML 110Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 111Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 112Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 113Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 114Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 115Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 116Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 117Page - Texas Instruments TMP320C6720RFP300 Datasheet HTML 118Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 114 / 118 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TMS320C6720BRFP200
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMS320C6722BRFP200
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMS320C6722BRFP250
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMS320C6726BRFP266
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMS320C6727BGDH275
ACTIVE
BGA
GDH
256
90
TBD
SNPB
Level-3-220C-168 HR
TMS320C6727BGDH300
ACTIVE
BGA
GDH
256
90
TBD
SNPB
Level-3-220C-168 HR
TMS320C6727BGDH350
ACTIVE
BGA
GDH
256
90
TBD
SNPB
Level-3-220C-168 HR
TMS320C6727BZDH275
ACTIVE
BGA
ZDH
256
90
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TMS320C6727BZDH300
ACTIVE
BGA
ZDH
256
90
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TMS320C6727BZDH350
ACTIVE
BGA
ZDH
256
90
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
TMSDC6722BRFPA225
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMSDC6726BRFPA225
ACTIVE
HTQFP
RFP
144
60
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-4-260C-72 HR
TMSDC6727BGDHA250
ACTIVE
BGA
GDH
256
90
TBD
SNPB
Level-3-220C-168 HR
TMSDC6727BZDHA250
ACTIVE
BGA
ZDH
256
1
Green (RoHS &
no Sb/Br)
SNAGCU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
PACKAGE OPTION ADDENDUM
www.ti.com
17-Feb-2010
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com