Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 10Page - Cirrus Logic CS8130-CS Datasheet HTML 11Page - Cirrus Logic CS8130-CS Datasheet HTML 12Page - Cirrus Logic CS8130-CS Datasheet HTML 13Page - Cirrus Logic CS8130-CS Datasheet HTML 14Page - Cirrus Logic CS8130-CS Datasheet HTML 15Page - Cirrus Logic CS8130-CS Datasheet HTML 16Page - Cirrus Logic CS8130-CS Datasheet HTML 17Page - Cirrus Logic CS8130-CS Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Register 0, Control Register #1
D3
D2
D1
D0
ECHO
0
RXEN
TXEN
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
ECHO
Echo Control
Characters
0
1
R Do not echo control characters
Echo control characters.
RXEN
Receiver Enable
0
1
R Receiver disabled
Receiver enabled
TXEN
Transmitter Enable
0
1
R Transmitter disbabled
Transmitter enabled
Register 1, Control Register #2
D3
D2
D1
D0
0
0
AUTD
LODB
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
AUTD
Receiver auto
detect mode enable
0
1
R Auto detect receive format disabled
Auto detect receive format enabled
LODB
Load Baud Rate
Counter
0
1
R Do not load new baud rate count value
Load new baud rate count value
The LODB bit resets to 0 automatically.
CS8130
14
DS134PP2
CS8130
14
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com