Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 20Page - Cirrus Logic CS8130-CS Datasheet HTML 21Page - Cirrus Logic CS8130-CS Datasheet HTML 22Page - Cirrus Logic CS8130-CS Datasheet HTML 23Page - Cirrus Logic CS8130-CS Datasheet HTML 24Page - Cirrus Logic CS8130-CS Datasheet HTML 25Page - Cirrus Logic CS8130-CS Datasheet HTML 26Page - Cirrus Logic CS8130-CS Datasheet HTML 27Page - Cirrus Logic CS8130-CS Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Power Supplies
VD+ - Digital Positive Supply.
Digital positive supply voltage. Nominally +3V
VA+ - Analog Positive Supply.
Analog positive supply voltage. Nominally +3V.
DGND - Digital Ground.
Digital ground, 0V, connection.
AGND - Analog Ground.
Analog ground, 0V, connection.
TGND1, TGND2 - Transmitter Grounds.
LED Transmitter grounds, 0V, connections.
Analog Pins
LED1C, LED2C - Transmit LED Cathode.
These pins are connected to the transmit LED cathode via resistors. Appropriate resistor choice
allows user setting of LED current options. The anode of the LED is connected to the positive
supply.
PINC - Receiver PIN Diode Cathode
Receiver PIN diode cathode.
PINA - Receiver PIN Diode Anode.
Receiver PIN diode anode.
LED1 CATHODE
LED1C
DGND
DIGITAL GROUND
TRANSMIT GROUND 1
TGND1
EXTCLK
EXTERNAL CLOCK
TRANSMIT GROUND 2
TGND2
XTALOUT
CRYSTAL OUTPUT
LED2 CATHODE
LED2C
XTALIN
CRYSTAL INPUT
ANALOG GROUND
AGND
FORM/BSY
FORMAT/BUSY
PIN DIODE ANODE
PINA
D/C
DATA/CONTROL
PIN DIODE CATHODE
PINC
TXD
TRANSMIT DATA
ANALOG SUPPLY
VA+
RXD
RECEIVE DATA
CLOCK FREQUENCY
CLKFR
VD+
DIGITAL SUPPLY
POWER DOWN
PWRDN
RESET
RESET
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS8130
DS134PP2
25
CS8130
DS134F1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com