Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 13Page - Cirrus Logic CS8130-CS Datasheet HTML 14Page - Cirrus Logic CS8130-CS Datasheet HTML 15Page - Cirrus Logic CS8130-CS Datasheet HTML 16Page - Cirrus Logic CS8130-CS Datasheet HTML 17Page - Cirrus Logic CS8130-CS Datasheet HTML 18Page - Cirrus Logic CS8130-CS Datasheet HTML 19Page - Cirrus Logic CS8130-CS Datasheet HTML 20Page - Cirrus Logic CS8130-CS Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Register 8, Baud Rate Divider Register #1
D3
D2
D1
D0
BR3
BR2
BR1
BR0
0111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
BR7-0
Baud Rate Divider
Value (BRD).
BRD=(3.6864E6/
(16*BR))-1,
where BRD =
divider value and
BR = desired baud
rate.
01011111
00101111
00010111
00001011
00001001
00000010
00000001
95
47
23 R
11
5
2
1
2400 bps
4800 bps
9600 bps
19.2 kbps
38.4 kbps
76.8 kbps
115.2 kbps
Register 9, Baud Rate Divider Register #2
D3
D2
D1
D0
BR7
BR6
BR5
BR4
0001
Register
Reset (R)
Register 10, Modulator Divider Register #1
D3
D2
D1
D0
MD3
MD2
MD1
MD0
0110
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
MD7-0
Modulator Divider
Value (MD).
MD=(3.6864E6/FR)-
1, where MD =
divider value and
FR = desired
modulation
frequency.
01100000
00000110
96
6R
38 kHz
527kHz
The transmitted modulation frequency will be exact. The receive carrier detection frequency can be
slightly different from the programmed frequency (see Receive ASK Carrier Timing Register).
Register 11, Modulator Divider Register #2
D3
D2
D1
D0
MD7
MD6
MD5
MD4
0000
Register
Reset (R)
CS8130
DS134PP2
17
CS8130
DS134F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com