Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 14Page - Cirrus Logic CS8130-CS Datasheet HTML 15Page - Cirrus Logic CS8130-CS Datasheet HTML 16Page - Cirrus Logic CS8130-CS Datasheet HTML 17Page - Cirrus Logic CS8130-CS Datasheet HTML 18Page - Cirrus Logic CS8130-CS Datasheet HTML 19Page - Cirrus Logic CS8130-CS Datasheet HTML 20Page - Cirrus Logic CS8130-CS Datasheet HTML 21Page - Cirrus Logic CS8130-CS Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Register 15, Status Register
D3
D2
D1
D0
0
OSCR
ERR
DMOD
00
0
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
OSCR
Oscillator running
flag
0
1
Oscillator not running, using external clock input,
oscillator circuit is powered down.
Oscillator running, EXTCLK is an output, if enabled.
ERR
Framing error flag
0
1
R
No error
A framing error has occurred since the last read of
this bit. Resets after read
DMOD
Detected
Modulation Type
0
1
R IrDA pulse style data format detected
Amplitude modulated carrier style data format
detected
To read this register, write 0000 to address 15. Independent of the setting of the ECHO bit, the CS8130
will transmit the above contents, with an address field of 1111.
Register 12, Output Pin Control Register
D3
D2
D1
D0
RXDT
RXDH
FORT
FORH
0101
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
RXDT
RXD output pin
three-state enable
0
1
R In power down, RXD will go high or low.
In power down, RXD will float.
RXDH
RXD output pin
high/low enable
0
1R
In power down, RXD will go low, if RXDT = 0
In power down, RXD will go high, if RXDT = 0
FORT
FORM/BSY output
pin three-state
enable
0
1
R In power down, FORM/BSY will go high or low.
In power down, FORM/BSY will float.
FORH
FORM/BSY output
pin high/low enable
0
1R
In power down, FORM/BSY will go low, if FORT = 0
In power down, FORM/BSY will go high, if FORT = 0
Register 13, Control Register #3
D3
D2
D1
D0
0
0
0
SHDW
0000
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
SHDW
Shadow register set
enable
0
1
R Enable access to registers 0 though 15
Enable access to shadow registers (16 through 31)
CS8130
18
DS134PP2
CS8130
18
DS134F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com