Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 20Page - Cirrus Logic CS8130-CS Datasheet HTML 21Page - Cirrus Logic CS8130-CS Datasheet HTML 22Page - Cirrus Logic CS8130-CS Datasheet HTML 23Page - Cirrus Logic CS8130-CS Datasheet HTML 24Page - Cirrus Logic CS8130-CS Datasheet HTML 25Page - Cirrus Logic CS8130-CS Datasheet HTML 26Page - Cirrus Logic CS8130-CS Datasheet HTML 27Page - Cirrus Logic CS8130-CS Datasheet HTML 28Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
44
20 PIN SSOP
28 PIN SSOP
E
A
A
D
E
A
1
1
SIDE VIEW
END VIEW
TOP VIEW
Seating
Plane
Notes:
1.
"D" and "E " are reference datums
and do not include mold flash or
protrusions, but do include mold
mismatch and are measured at the
parting line, mold flash or protrusions
shall not exceed 0.20mm per side.
2.
Dimension b does not include
dambar protrusion/intrusion.
Allowable dambar protrusion shall
be 0.13mm total in excess of b
dimension at maximum material
condition. Dambar intrusion shall
not reduce dimension b by more than
0.07mm at least material condition.
3.
These dimensions apply to the flat
section of the lead between 0.10 and
0.25mm from lead tips.
N
13
2
SSOP Package
Dimensions
N
MILLIMETERS
MIN
NOM
MAX
20
28
6.90
7.20
7.50
9.90
10.20 10.50
Note
1
1
1
2
1
∝
DIM
MILLIMETERS
MIN
NOM
MAX
A
A
A
b
D
E
e
E
L
N
-
-
2.13
0.05
0.15
0.25
1.62
1.75
1.88
0.22
0.30
0.38
see other table
5.00
5.30
5.60
7.40
7.80
8.20
0.63
0.90
1.03
see other table
0°4°
8°
Note
2, 3
1
1
1
2
1
e
b 2
0.61
0.65
0.69
L
INCHES
MIN
NOM
MAX
-
-
0.084
0.002
0.006 0.010
0.064
0.070 0.074
0.009
0.012 0.015
see other table
0.197
0.209 0.220
0.291
0.307 0.323
0.025
0.035 0.040
see other table
0°
4°
8°
0.024
0.026 0.027
D
INCHES
MIN
NOM
MAX
0.272 0.283
0.295
0.390 0.402
0.413
1
CS8130
DS134F1
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com