Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130-CS Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8130-CS
Description  Multi-Standard Infrared Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130-CS Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8130-CS Datasheet HTML 19Page - Cirrus Logic CS8130-CS Datasheet HTML 20Page - Cirrus Logic CS8130-CS Datasheet HTML 21Page - Cirrus Logic CS8130-CS Datasheet HTML 22Page - Cirrus Logic CS8130-CS Datasheet HTML 23Page - Cirrus Logic CS8130-CS Datasheet HTML 24Page - Cirrus Logic CS8130-CS Datasheet HTML 25Page - Cirrus Logic CS8130-CS Datasheet HTML 26Page - Cirrus Logic CS8130-CS Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
VA+
VD+
AGND
PINC
PINA
LED1C
LED2C
RESET
TGND1 TGND2 DGND
EXTCLK
XTALIN
XTALOUT
RXD
FORM/BSY
TXD
D/C
PWRDN
CLKFR
812
5
7
6
1
4
19
17
18
13
16
14
15
10
9
2
320
0.1
µF
+
10
µF
+3V
0.1
µF
+
10
µF
+
47
µF
+3V
10
Ω
5.2
Ω (2)
5.2
Ω (2)
3.6864 MHz
CS8130
BPV23NF
TSHA5502
CIA-
CIA+
MAX562
VCC
CIB-
CIB+
T1OUT
T2OUT
R1IN
R2IN
V-
V+
GND
27
28
26
3
4
1
5
2
0.33
µF
+3V
0.33
µF
0.33
µF
C2+
C2-
24
25
0.33
µF
0.68
µF
0.33
µF
5
20
21
22
23
DTR
DB9
Serial
Connector
(COM PORT)
R1OUT
R2OUT
R3OUT
R5OUT
R4OUT
EN
SHDN
15
14
R3IN
R4IN
R5IN
T3OUT
T2IN
T1IN
T3IN
16
17
18
19
9
8
7
6
13
12
11
10
RTS
TXD
RXD
DCD
RI
DSR
CTS
6
8
2
1
9
4
7
3
DTR
RTS
TXD
RXD
DCD
RI
DSR
CTS
SG
UART
RS-232/IR
SELECT
11
Notes:
(1) This circuit has not yet been
built and debugged.
(2) Choice of LED, power consumption
and physical positioning will affect R value.
UART to both RS232 and IR Port Interface
Motherboard Example Schematic
Steven Harris
Crystal Semiconductor
5/26/94
Figure 8. IR and RS232 from 1 UART
CS8130
DS134PP2
23
CS8130
DS134F1
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com