Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 45 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 45 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 41Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 42Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 43Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 44Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 45Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 46Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 47Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 48Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 49Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 45
Figure 72 Base case 1, 2 and full channel eye diagram at receiver input for 20Gbps data rate with routing on layer 16 and 6
FEXT for 50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
5
16.55
11.80
4.75
2.38
1036.77
1131.88
-95.11
-8.40
6.25
13.58
11.64
1.94
1.21
918.44
1024.59
-106.15
-10.36
10
15.03
10.69
4.34
4.34
636.68
773.19
-136.51
-17.66
12.5
17.76
11.26
6.50
8.13
500.52
639.75
-139.23
-21.76
20
21.02
11.78
9.24
18.48
184.45
403.74
-219.29
-54.31
Table 18 Comparison of eye height and timing fuzz between full channel and Base Case 1 at the receiver’s input with 6 FEXT for
50% pin density configuration
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
5
16.55
14.80
1.75
0.88
1036.77
1042.45
-5.68
-0.54
6.25
13.58
14.61
-1.03
-0.64
918.44
939.36
-20.92
-2.23
10
15.03
12.47
2.56
2.56
636.68
689.11
-52.43
-7.61
12.5
17.76
13.84
3.92
4.90
500.52
559.63
-59.11
-10.56
20
21.02
15.91
5.11
10.22
184.45
296.02
-111.57
-37.69
Table 19 Comparison of eye height and timing fuzz between full channel and Base Case 2 at the receiver’s input with 6 FEXT for
50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com