Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 41 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 41 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 37Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 38Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 39Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 40Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 41Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 42Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 43Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 44Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 45Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 41
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
3.125
21.33
15.08
6.25
1.95
1232.03
1314.30
-82.27
-6.26
5
16.77
11.80
4.97
2.49
1035.97
1131.88
-95.91
-8.47
6.25
13.35
11.64
1.71
1.07
912.48
1024.59
-112.11
-10.94
10
15.98
10.69
5.29
5.29
639.56
773.19
-133.63
-17.28
Table 13 Comparison of eye height and timing fuzz between full channel and Base Case 1 at the receiver’s input with 14 FEXT
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Gbps)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
3.125
21.33
20.00
1.33
0.42
1232.03
1243.00
-10.97
-0.88
5
16.77
14.81
1.96
0.98
1035.97
1042.36
-6.39
-0.61
6.25
13.35
14.65
-1.30
-0.81
912.48
940.69
-28.21
-3.00
10
15.98
12.46
3.52
3.52
639.56
686.70
-47.14
-6.86
Table 14 Comparison of eye height and timing fuzz between full channel and Base Case 2 at the receiver’s input with 14 FEXT
3.2.5.2 50% density pin assignment
Figure 25, Figure 26 and Figure 27 show the optimized tap coefficients for the maximum eye
opening at various data rates for the channel without the connector and connector vias (Base Case
1), for the channel without the connector only (Base Case 2), and for the full channel.
Figure 68 - Figure 72 show the eye diagrams at receiver inputs for various data rates (5, 6.25, 10
12.5 and 20Gbps) with via transition in the 16th PCB routing layer and with 6 FEXT.
Table 18 and Table 19 summarize the corresponding results for the eye diagram and their
comparison with Base Case 1 and Base Case 2.
Data Rate
(Gbps)
PRE-
CURSOR[3]
PRE-
CURSOR[2]
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
POST-
CURSOR[2]
POST-
CURSOR[3]
5
-----
-----
-----
0.8747
-0.1253
-----
-----
6.25
-----
-----
-0.0359
0.8278
-0.1363
-----
-----
10
-----
-----
-0.0694
0.7635
-0.1670
-----
-----
12.5
-----
-----
-0.0967
0.7207
-0.1827
-----
-----
20
-----
0.0297
-0.1562
0.6129
-0.1839
-0.0174
-----
Table 15 Base case 1: optimum tap setting coefficients for center pair 4 of IT3-25mm connector for 50% pin density configuration
Data Rate
(Gbps)
PRE-
CURSOR[3]
PRE-
CURSOR[2]
PRE-
CURSOR[1]
MAIN
CURSOR
POST-
CURSOR[1]
POST-
CURSOR[2]
POST-
CURSOR[3]
5
-----
-----
-----
0.8611
-0.1389
-----
-----
6.25
-----
-----
-0.0435
0.8099
-0.1466
-----
-----
10
-----
-----
-0.0826
0.7424
-0.1751
-----
-----
12.5
-----
-----
-0.1216
0.6997
-0.1788
-----
-----
20
-0.0170
0.0521
-0.1888
0.5552
-0.1699
-0.0170
-----
Table 16 Base case 2: optimum tap setting coefficients for center pair 4 of IT3-25mm connector for 50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com