Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 19 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 19 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 15Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 16Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 17Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 18Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 19Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 20Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 21Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 22Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 23Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 19
Figure 27 SDD for pair 8 of cascaded via+connector+via transition with routing on layer 16
FREQUENCY
(GHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
1.25
-0.347
-37.69
-37.75
-44.25
1.5625
-0.410
-28.23
-37.49
-42.35
2.5
-0.720
-14.88
-40.11
-40.31
3.125
-0.782
-16.22
-37.44
-37.21
5
-1.501
-10.42
-30.11
-32.21
6.25
-1.547
-11.31
-40.49
-32.81
10
-2.915
-10.21
-31.46
-28.70
Table 5 Summary of SDD for pair 8 of cascaded via+connector+via transition with routing on layer 16
Figure 28 Power Sum of NEXT for pair 8 of via+connector+via transition with routing on layer 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com