Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 21 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 21 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 17Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 18Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 19Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 20Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 21Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 22Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 23Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 24Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 25Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 21
Figure 31 ICR profile of FEXT for pair 8 of via+connector+via transition with routing on layer 16
The ICR profile for NEXT is not as critical since the TX and RX wafers can be grouped
separately. The ICR profile for FEXT satisfies the IEEE 802.3ap spec up to 16GHz. For further
improvement of the ICR profile, skipped pins can be applied.
3.1.3.2 50% density pin assignment
Figure 32 SDD for pair 4 of cascaded via+connector+via transition with routing on layer 16 for 50% pin density configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com