Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 69 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 69 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 63Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 64Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 65Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 66Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 67Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 68Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 69Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 70Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 71Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 69
5.3.3 Impedance profile
From the time domain results, the impedance profile is extracted and compared with simulation
results, as shown in Figure 116.
Figure 116 Impedance profile comparison between measurements and simulation for center port @120ps rise time (20% to 80%)
and 2.625GHz BW
6. Appendix
Zmea max = 54.40 Ω
Zsim max = 52.46 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com