Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

09HSI-S043-R0-CHT Datasheet(PDF) 59 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 59 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 55Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 56Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 57Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 58Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 59Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 60Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 61Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 62Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 63Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 59
Center pin of IT3 connector with via transition in the 16th PCB routing layer.
152.4mm (6 inches) PCB trace from driver to IT3 connector, and 152.4mm (6 inches)
PCB trace from IT3 connector to receiver, including via transition to the receiver.
Note: Since the time steps used for the simulations were of 1ps, the timing jitter values have an
error margin of 1ps. The eye height is defined as the absolute maximum eye opening.
Figure 97 Base case 1, 2 and full channel eye diagram at single-ended receiver input for 1600Mbps data rate with routing on layer
16 and 14 FEXT
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Mbps)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
IT3
Base Case 1
ΔIT3
ΔIT3 (%)
1600
39.12
34.51
4.61
0.74
751.94
748.68
3.26
0.44
Table 24 Comparison of eye height and timing fuzz between single-ended full channel and Base Case 1 at the receiver’s input with 14
FEXT
Timing Jitter (ps)
Eye Height (mV)
Data Rate
(Mbps)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
IT3
Base Case 2
ΔIT3
ΔIT3 (%)
1600
39.12
35.86
3.26
0.52
751.94
768.11
-16.17
-2.11
Table 25 Comparison of eye height and timing fuzz between single-ended full channel and Base Case 2 at the receiver’s input with 14
FEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com